Electronic Components Datasheet Search
  English  ▼

X  

ADM1192 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1192
Description  Digital Power Monitor with Clear Pin and ALERT Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1192 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1192 Datasheet HTML 12Page - Analog Devices ADM1192 Datasheet HTML 13Page - Analog Devices ADM1192 Datasheet HTML 14Page - Analog Devices ADM1192 Datasheet HTML 15Page - Analog Devices ADM1192 Datasheet HTML 16Page - Analog Devices ADM1192 Datasheet HTML 17Page - Analog Devices ADM1192 Datasheet HTML 18Page - Analog Devices ADM1192 Datasheet HTML 19Page - Analog Devices ADM1192 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADM1192
Rev. B | Page 16 of 20
APPLICATIONS INFORMATION
ALERT OUTPUT
The ALERT output is an open-drain pin with 30 V tolerance.
There are two uses for this output.
Overcurrent Flag
The ALERT pin can be connected to the general-purpose logic
input of a controller. During normal operation, the ADM1192
drives this output low. When an overcurrent condition occurs,
the output asserts high. An external pull-up resistor should
be used.
RSENSE
P = VI
CONTROLLER
ADM1192
SENSE
VCC
SDA
SCL
SDA
SCL
GND
ALERT
CLRB
CLRB
ADR
TIMER
3.15V TO 26V
SETV
INTERRUPT
Figure 27. Using the ALERT Output as an Interrupt
Implementing a Basic Hot Swap Circuit
A basic P-channel FET hot swap circuit can be created. The
ALERT output should be connected to the GATE pin of a P-
channel FET connected in series with the power path. A pull-up
from GATE to source ensures that the P-channel FET GATE is
pulled up and the device held off as soon as power is applied.
When the ADM1192 powers up, the GATE is pulled low by the
ALERT output. A capacitor on the TIMER pin determines the
slew rate of the GATE pin at startup. Note that if a current fault
occurs during the operation, the ALERT output asserts high,
turning off the P-channel FET.
RSENSE
P-CHANNEL FET
P = VI
CONTROLLER
ADM1192
SENSE
VCC
SDA
SCL
SDA
SCL
GND
ALERT
CLRB
CLRB
ADR
TIMER
3.15V TO 26V
SETV
Figure 28. P-Channel FET Hot Swap Implementation
SETV PIN
The SETV pin allows the user to adjust the current level that
trips the ALERT output. The output of the current sense amplifier
is compared with the voltage driven onto the SETV pin. If the
current sense amplifier output is higher than the SETV voltage,
the output of the comparator asserts. By driving a different voltage
onto the SETV pin, the ADM1192 detects an overcurrent condition
at a different current level, with a gain of 18. See Figure 12 for
an illustration of this relationship.
ADM1192
SETV
1.3V
ALERT
CURRENT
SENSE
AMPLIFIER
A
ALERT
60µA
RSENSE
ILOAD
APPLIED
VOLTAGE
SENSE
VCC
TIMER
COMPARATOR
Figure 29. SETV Operation
When the output of the SETV comparator asserts, this tells the
ALERT block to begin charging the external TIMER capacitor
with a 60 μA charging current. When the voltage on the TIMER
capacitor reaches 1 V, the charging cycle is complete. The ALERT
output then asserts (goes high). Different values of TIMER
capacitor generate different time delays between current faults
occurring and the ALERT output asserting. When using the
ALERT output to implement a hot swap circuit, the TIMER
capacitor should be chosen to generate a large enough startup
delay to allow the maximum inrush current to completely
charge up the load without tripping an ALERT fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com