Electronic Components Datasheet Search
  English  ▼

X  

D2500 Datasheet(PDF) 4 Page - 3M Electronics

Part # D2500
Description  3M™ Four‑Wall Header
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D2500 Datasheet(HTML) 4 Page - 3M Electronics

  D2500 Datasheet HTML 1Page - 3M Electronics D2500 Datasheet HTML 2Page - 3M Electronics D2500 Datasheet HTML 3Page - 3M Electronics D2500 Datasheet HTML 4Page - 3M Electronics D2500 Datasheet HTML 5Page - 3M Electronics D2500 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
TS-2244-G
Sheet 4 of 5
Notes:
1. Notches A & C will accommodate 3M Polarizing Key N3518.
2. Vacuum cap will be centered on connectors with odd # of pins/row. It will be offset away from pin 1 on connectors having an even # of pins per row
(shown).
3. Coplanarity .004 for less than 30 position, .006 for 30 and above.
Ordering Information
D25XX-6V0C-AR -XX
Pin Quantity:
(See Table)
Packaging Options:
WX = tape & reel packaging (see table 1)
Inch
± .005
± .1
± .01
Tolerance Unless Noted
.0
.000
Inch
[ ] Dimensions for
Reference only
[mm]
C
Plating:
AR = 10 µ” [0.25 µm] Gold (RIA E1 & C1)
3M™ Four‑Wall Header
.100” x .100” Low Profile, Surface Mount Straight
D2500 Series
Table 1
Pin
Qty
Dimensions
Polarizing
Notches
Tape and Reel
Pkg Code
A
B
6
0.588
(14.94) 0.508
(12.90)
B
WD (44 mm)
8
0.688 (17.48)
0.608
(15.44)
B
WD (44 mm)
10
.788
(20.02)
.708
(17.98)
BC
WD (44 mm)
14
.988
(25.10)
.908
(22.06)
BCDE
WD (44 mm)
16
1.088 (27.64)
1.008 (25.60)
ABCDE
WD (44 mm)
20
1.288 (32.72)
1.208 (30.68)
ABCDE
WE (56 mm)
24
1.488 (37.80)
1.408 (35.76)
ABCDE
WE (56 mm)
26
1.588 (40.34)
1.508 (38.30)
ABCDE
WE (56 mm)
30
1.788 (45.42)
1.708 (43.38)
ABCDE
WF (72 mm)
34
1.988 (50.50)
1.908 (48.46)
ABCDE
WF (72 mm)
36
2.088
(53.04) 2.008
(51.00)
ABCDE
WG (88 mm)
40
2.288 (58.12)
2.208 (56.08)
ABCDE
WG (88 mm)
50
2.788 (70.82)
2.708 (68.78)
ABCDE
WG (88 mm)
60
3.288 (83.52)
3.208 (81.48)
ABCDE
WH (120 mm)
64
3.488 (88.60)
3.408 (86.56)
ABCDE
WH (120 mm)
A
4.19
SEE TABLE 1 & NOTE 1
A
7.57
.165
.010
.298
NOTCH C
A
SEE TABLE 1 & NOTE 1
0.25
.390
9.91
POSITION 1
ORIENTATION TRIANGLE
NOTCH A
0.013
TYP
4.32
.243
6.43
.010
11.18
.0005
.010
.440
SECTION
10.16
A-A
6.17
0.10
0.62
THIS VIEW
.0245
REMOVED FOR CLARITY
.25
0.10
.400
.170
VACUUM CAP
.470
[11.94]
.270
[6.86]
.100 Typ
[2.54]
.050
[1.27]
.200
[5.08]
.070
[1.78]
P.C. Board Foot Print
PIN 1
NOTCH D
NOTCH E
NOTCH B
SEE TABLE 1
VACUUM CAP
REF.
.100
2.54
.194
4.93
.228
5.79
REF.
.100
2.54
B
.250
6.35
.338
8.59
.359
9.12
.359
9.11
A
4.19
SEE TABLE 1 & NOTE 1
A
7.57
.165
.010
.298
NOTCH C
A
SEE TABLE 1 & NOTE 1
0.25
.390
9.91
POSITION 1
ORIENTATION TRIANGLE
NOTCH A
0.013
TYP
4.32
.243
6.43
.010
11.18
.0005
.010
.440
SECTION
10.16
A-A
6.17
0.10
0.62
THIS VIEW
.0245
REMOVED FOR CLARITY
.25
0.10
.400
.170
VACUUM CAP
.470
[11.94]
.270
[6.86]
.100 Typ
[2.54]
.050
[1.27]
.200
[5.08]
.070
[1.78]
P.C. Board Foot Print
PIN 1
NOTCH D
NOTCH E
NOTCH B
SEE TABLE 1
VACUUM CAP
REF.
.100
2.54
.194
4.93
.228
5.79
REF.
.100
2.54
B
.250
6.35
.338
8.59
.359
9.12
.359
9.11



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com