Electronic Components Datasheet Search
  English  ▼

X  

D2500 Datasheet(PDF) 1 Page - 3M Electronics

Part # D2500
Description  3M™ Four‑Wall Header
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D2500 Datasheet(HTML) 1 Page - 3M Electronics

  D2500 Datasheet HTML 1Page - 3M Electronics D2500 Datasheet HTML 2Page - 3M Electronics D2500 Datasheet HTML 3Page - 3M Electronics D2500 Datasheet HTML 4Page - 3M Electronics D2500 Datasheet HTML 5Page - 3M Electronics D2500 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Four‑Wall Header
.100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
D2500 Series
•
Low profile, space saving design
• Center slot polarization designed to prevent misinsertions and
reduce insertion time
• Dual slot polarization means broader compatibility with
competitive polarization designs (not 6, 8 or 10 pos.)
• Optional retainer clip for locking sockets in place and
increasing connection reliability in vibrationprone
environments
• High temperature insulator suitable for “no lead” soldering
operations
• High temperature insulator in through-hole version suitable
for “paste in hole” reflow soldering
• Exposed solder tails (on right angle version) are designed to
provide ease of cleaning and help reduce repair costs
• Straight surface mount version available
• RoHS Compliant. See the Regulatory Information Appendix
(RIA) in the “RoHS compliance” section of
www.3Mconnectors.com for compliance information
Date Modified: June 13, 2012
TS-2244-G
Sheet 1 of 5
Physical
Insulator
Material: High Temp Glass Filled Polyester (PCT)
Flammability: UL 94V‑0
Color: Black (PCT)
Contact Material: Brass
Plating
Underplating: 50 -100 µ” [ 1.25 µm ] Ni
Wiping Area: 10 μ” [ 0.25 μm ] Gold
Solder Tails: 40 - 120 μ” [ 1-3 μm ] Matte Tin
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating: 5.00 A, 1 Contact Powered
3.00 A, 6 Contacts Powered
1.75 A, All Contacts Powered
Rating Conditions: EIA-364-070 Method 2, 30°C maximum temperature rise,
20% derated. Reference appropriate 3M Product Specification for detailed
current derating curves.
Insulation Resistance: >1 x 10
9
Ω at 500 V
DC
Withstanding Voltage: 1,000 VRMS at Sea Level
Environmental
Temperature Rating: -55˚C to +105˚C
Process Rating: 260˚C single pass (profile per J-STD-020C)
Moisture Sensitivity Level: 1 (per J-STD-020C)
UL File No.: E68080


Similar Part No. - D2500

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2500 AGERE-D2500 Datasheet
267Kb / 8P
1.5 m m D2500-Type Digital Isolated DFB Laser Module
February 2000
logo
RFE international
D25005L RFE-D25005L Datasheet
569Kb / 3P
Bridge Rectifiers
19-APR-2023
logo
Nell Semiconductor Co.,...
D2500D NELLSEMI-D2500D Datasheet
228Kb / 5P
High voltage ratings up to 2500V
D2500D NELLSEMI-D2500D Datasheet
659Kb / 5P
Standard Recovery Diodes
D2500D08 NELLSEMI-D2500D08 Datasheet
659Kb / 5P
Standard Recovery Diodes
More results

Similar Description - D2500

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2500 3M-2500 Datasheet
1Mb / 6P
3M™ Four-Wall Header
260
2514-6002-UB 3M-2514-6002-UB Datasheet
1Mb / 6P
3M™ Four-Wall Header .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
260
3431-D002 3M-3431-D002 Datasheet
910Kb / 5P
3M™ Three-Wall Condo Header .100 × .100 Right Angle
03-Apr-2013
80400031292 3M-80400031292 Datasheet
1Mb / 6P
3M™ Four-Wall Header .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
15-Dec-2011
3793 3M-3793 Datasheet
682Kb / 5P
3M Pak 100 4-Wall Header
07-Jan-2005
3000 3M-3000 Datasheet
682Kb / 5P
3M™ Pak 100 4-Wall Header
07-Jan-2005
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight, Compliant Pin
03-Apr-2013
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
N2524-6002RB 3M-N2524-6002RB Datasheet
1Mb / 6P
3M™ Four-Wall Header .100” x .100” Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
260
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com