Electronic Components Datasheet Search
  English  ▼

X  

OP491GS Datasheet(PDF) 10 Page - Analog Devices

Part # OP491GS
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491GS Datasheet(HTML) 10 Page - Analog Devices

Back Button OP491GS Datasheet HTML 6Page - Analog Devices OP491GS Datasheet HTML 7Page - Analog Devices OP491GS Datasheet HTML 8Page - Analog Devices OP491GS Datasheet HTML 9Page - Analog Devices OP491GS Datasheet HTML 10Page - Analog Devices OP491GS Datasheet HTML 11Page - Analog Devices OP491GS Datasheet HTML 12Page - Analog Devices OP491GS Datasheet HTML 13Page - Analog Devices OP491GS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
OP191/OP291/OP491
Rev. D | Page 10 of 24
FREQUENCY (Hz)
160
60
–40
80
100
120
140
–20
0
20
40
±PSRR
VS = 3V
TA = 25°C
+PSRR
–PSRR
100
1k
10M
1M
100k
10k
Figure 19. PSRR vs. Frequency, VS = 3 V
TEMPERATURE (°C)
113
107
125
110
108
25
109
–40
112
111
85
VS = 3V
Figure 20. PSRR vs. Temperature, VS = 3 V
TEMPERATURE (°C)
1.6
0
125
0.4
0.2
25
–40
0.8
0.6
1.0
1.2
1.4
85
VS = 3V
+SR
–SR
Figure 21. Slew Rate vs. Temperature, VS = 3 V
TEMPERATURE (°C)
0.35
0.05
125
0.20
0.10
25
0.15
–40
0.30
0.25
85
VS = 3V
Figure 22. Supply Current vs. Temperature, VS = +3 V, +5 V, ±5 V
FREQUENCY (Hz)
3.0
0
1M
1.0
0.5
100
1k
10k
100k
2.0
1.5
2.5
VIN = 2.8V p-p
VS = 3V
AV = +1
RL = 100kΩ
Figure 23. Maximum Output Swing vs. Frequency, VS = 3 V
FREQUENCY (Hz)
1k
10
10
100
1k
10k
100
Figure 24. Voltage Noise Density, VS = 5 V or ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com