Electronic Components Datasheet Search
  English  ▼

X  

OP491GS Datasheet(PDF) 11 Page - Analog Devices

Part # OP491GS
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491GS Datasheet(HTML) 11 Page - Analog Devices

Back Button OP491GS Datasheet HTML 7Page - Analog Devices OP491GS Datasheet HTML 8Page - Analog Devices OP491GS Datasheet HTML 9Page - Analog Devices OP491GS Datasheet HTML 10Page - Analog Devices OP491GS Datasheet HTML 11Page - Analog Devices OP491GS Datasheet HTML 12Page - Analog Devices OP491GS Datasheet HTML 13Page - Analog Devices OP491GS Datasheet HTML 14Page - Analog Devices OP491GS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OP191/OP291/OP491
Rev. D | Page 11 of 24
INPUT OFFSET VOLTAGE (mV)
70
0
0.50
30
10
20
–0.50
60
40
50
0.30
0.10
–0.10
–0.30
VS = 5V
TA = 25°C
BASED ON 600
OP AMPS
Figure 25. OP291 Input Offset Voltage Distribution, VS = 5 V
120
0
7
60
20
1
40
0
100
80
6
4
3
2
INPUT OFFSET VOLTAGE (µV/°C)
5
VS = 5V
–40°C < TA < +125°C
BASED ON 600 OP AMPS
Figure 26. OP291 Input Offset Voltage Drift Distribution, VS = 5 V
TEMPERATURE (°C)
0.15
–0.10
125
0.05
–0.05
25
0
–40
0.10
85
VS = 5V
VCM = 0V
VCM = 5V
Figure 27. Input Offset Voltage vs. Temperature, VS = 5 V
40
30
20
10
0
–10
–20
–30
–40
125
25
85
TEMPERATURE (°C)
–40
VS = 5V
VCM = 5V
VCM = 0V
+IB
–IB
–IB
+IB
Figure 28. Input Bias Current vs. Temperature, VS = 5 V
1.4
1.6
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
125
25
85
TEMPERATURE (°C)
–40
VS =5V
VCM =0V
VCM =5V
Figure 29. Input Offset Current vs. Temperature, VS = 5 V
COMMON-MODE INPUT VOLTAGE (V)
36
–36
5
–18
–30
–24
0
0
–12
–6
6
12
18
30
24
4
3
2
1
VS = 5V
Figure 30. Input Bias Current vs. Common-Mode Input Voltage, VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com