Electronic Components Datasheet Search
  English  ▼

X  

OP484ES Datasheet(PDF) 10 Page - Analog Devices

Part # OP484ES
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ES Datasheet(HTML) 10 Page - Analog Devices

Back Button OP484ES Datasheet HTML 6Page - Analog Devices OP484ES Datasheet HTML 7Page - Analog Devices OP484ES Datasheet HTML 8Page - Analog Devices OP484ES Datasheet HTML 9Page - Analog Devices OP484ES Datasheet HTML 10Page - Analog Devices OP484ES Datasheet HTML 11Page - Analog Devices OP484ES Datasheet HTML 12Page - Analog Devices OP484ES Datasheet HTML 13Page - Analog Devices OP484ES Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 10 of 24
300
270
240
210
180
150
120
90
60
0
30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
AV = +100
AV = +10
AV = +1
5
4
3
2
1
0
1k
100k
10M
10k
1M
FREQUENCY (Hz)
VS = 5V
VIN = 0.5V TO 4.5V
RL = 2kΩ
TA = 25°C
Figure 23. Output Impedance vs. Frequency
Figure 26. Maximum Output Swing vs. Frequency
300
270
240
210
180
150
120
90
60
0
30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = 15V
TA = 25°C
AV = +100
AV = +10
AV = +1
6
5
4
3
2
1
0
1k
100k
10M
10k
1M
FREQUENCY (Hz)
VS = 15V
VIN = ±14V
RL = 2kΩ
TA = 25°C
Figure 24. Output Impedance vs. Frequency
Figure 27. Maximum Output Swing vs. Frequency
300
270
240
210
180
150
120
90
60
0
30
10
1k
100k
10M
100
10k
1M
FREQUENCY (Hz)
VS = 3V
TA = 25°C
AV = +100
AV = +10
AV = +1
180
160
140
120
100
80
60
40
20
0
–20
10
100k
10M
1k
100
10k
1M
FREQUENCY (Hz)
VS = ±15V
VS = +5V
VS = +3V
TA = 25°C
Figure 25. Output Impedance vs. Frequency
Figure 28. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com