Electronic Components Datasheet Search
  English  ▼

X  

OP484ES Datasheet(PDF) 16 Page - Analog Devices

Part # OP484ES
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ES Datasheet(HTML) 16 Page - Analog Devices

Back Button OP484ES Datasheet HTML 12Page - Analog Devices OP484ES Datasheet HTML 13Page - Analog Devices OP484ES Datasheet HTML 14Page - Analog Devices OP484ES Datasheet HTML 15Page - Analog Devices OP484ES Datasheet HTML 16Page - Analog Devices OP484ES Datasheet HTML 17Page - Analog Devices OP484ES Datasheet HTML 18Page - Analog Devices OP484ES Datasheet HTML 19Page - Analog Devices OP484ES Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 16 of 24
eNR
eNR
eNOA
iNOA
iNOA
R
"NOISELESS"
R
"NOISELESS"
IDEAL
NOISELESS
OP AMP
RS = 2R
Circuit noise figure is straightforward to calculate because the
signal level in the application is not required to determine it.
However, many designers using NF calculations as the basis for
achieving optimum SNR believe that low noise figure is equal to
low total noise. In fact, the opposite is true, as shown in Figure 50.
Here, the noise figure of the OP284 is expressed as a function of
the source resistance level. Note that the lowest noise figure for
the OP284 occurs at a source resistance level of 10 kΩ. However,
Figure 48. Op Amp Noise Circuit Model Used to Determine Total Circuit
Equivalent Input Noise Voltage and Noise Figure
Figure 49 shows that this source resistance level and the OP284
generate approximately 14 nV/√Hz of total equivalent circuit
noise. Signal levels in the application invariably increase to
maximize circuit SNR, which is not an option in low voltage,
single-supply applications.
As a design aid, Figure 49 shows the total equivalent input noise
of the OP284 and the total thermal noise of a resistor for com-
parison. Note that for source resistance less than 1 kΩ, the
equivalent input noise voltage of the OP284 is dominant.
TOTAL SOURCE RESISTANCE, RS (Ω)
10
100
5
10k
100k
1k
0
9
8
7
6
4
3
2
1
FREQUENCY = 1kHz
TA = 25°C
TOTAL SOURCE RESISTANCE, RS (Ω)
100
1
10
10k
OP284 TOTAL
EQUIVALENT NOISE
RESISTOR THERMAL
NOISE ONLY
100
1k
100k
FREQUENCY = 1kHz
TA = 25°C
Figure 50. OP284 Noise Figure vs. Source Resistance
Figure 49. OP284 Total Noise vs. Source Resistance
In single-supply applications, therefore, it is recommended for
optimum circuit SNR to choose an operational amplifier with
the lowest equivalent input noise voltage and to choose source
resistance levels consistent in maintaining low total circuit
noise.
Because circuit SNR is the critical parameter in the final
analysis, the noise behavior of a circuit is often expressed in
terms of its noise figure, NF. Noise figure is defined as the ratio
of a circuit’s output signal-to-noise to its input signal-to-noise.
An expression of a circuit NF in dB, and in terms of the
operational amplifier voltage and current noise parameters
defined previously, is given by
OVERDRIVE RECOVERY
The overdrive recovery time of an operational amplifier is the
time required for the output voltage to recover to its linear
region from a saturated condition. The recovery time is
important in applications where the amplifier must recover
quickly after a large transient event. The circuit shown in
()
()
(
)
()
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
+
=
2
2
2
1
log
10
nRS
S
nOA
nOA
e
R
i
e
dB
NF
where:
Figure 51 was used to evaluate the OP284 overload recovery
time. The OP284 takes approximately 2 μs to recover from
positive saturation and approximately 1 μs to recover from
negative saturation.
NF (dB) is the noise figure of the circuit, expressed in dB.
RS is the effective, or equivalent, source resistance presented to
the amplifier.
2
3
1
+5V
8
4
R1
10kΩ
R3
9kΩ
R2
10kΩ
VIN
10V STEP
–5V
VOUT
1/2
OP284
(enOA)2 is the OP284 noise voltage spectral power (1 Hz BW).
(inOA)2 is the OP284 noise current spectral power (1 Hz BW).
(enRS)2 is the source resistance thermal noise voltage power =
(4kTR ).
S
Figure 51. Output Overload Recovery Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com