Electronic Components Datasheet Search
  English  ▼

X  

TP0001 Datasheet(PDF) 5 Page - Anderson Power Products, Inc.

Part # TP0001
Description  SBS® Connectors - up to 110 amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

TP0001 Datasheet(HTML) 5 Page - Anderson Power Products, Inc.

  TP0001 Datasheet HTML 1Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 2Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 3Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 4Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 5Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 6Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 7Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.andersonpower.com
- 53 -
All Data Subject To Change Without Notice
| SBS® CONNECTOR TEMPERATURE CHARTS |
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110
SBS®75x Auxiliary Contacts @ 10A
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110
SBS®75x Auxiliary Contacts @ 20A
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25.0
50.0
75.0
100.0
125.0
0 10 20 30 40 50 60 70 80 90 100 110
SBS®75x Auxiliary Contacts @ 10A
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25.0
50.0
75.0
100.0
125.0
0 10 20 30 40 50 60 70 80 90 100110
SBS®75x Auxiliary Contacts @ 20A
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25.0
50.0
75.0
100.0
125.0
0
20
40
60
80
100 120 140
SBS®75x Primary Contacts Only
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110 120
SBS®75x Primary Contacts Only
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25
50
75
100
125
0
20
40
60
80
100 120 140
SBS®50
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
10 AWG
12 AWG
SBS®50
Temperature Rise at Constant Current
Amperes Applied
6 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0
20
40
60
80
100
120
NOTE: Temperature rise charts are based on a 25°C ambient temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com