Electronic Components Datasheet Search
  English  ▼

X  

TP0001 Datasheet(PDF) 8 Page - Anderson Power Products, Inc.

Part # TP0001
Description  SBS® Connectors - up to 110 amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

TP0001 Datasheet(HTML) 8 Page - Anderson Power Products, Inc.

  TP0001 Datasheet HTML 1Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 2Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 3Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 4Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 5Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 6Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 7Page - Anderson Power Products, Inc. TP0001 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.andersonpower.com
- 56 -
All Data Subject To Change Without Notice
SBS®
- Tooling Information
Reducing Bushings
Use with contact part number 1339G2-BK or 1340G1-BK to allow a smaller wire to be used with the connector. Electrical
capability is derated with smaller wire.
Dimensions
- ID -
- Length -
Contact Barrel Size
Wire Size
-------- Part Numbers --------
inches
mm
inches mm
Minimum Quantity ...................................................... 3,000
1,000
100 .....................................................
#6 AWG [13.3 mm²]
#8 AWG [8.4 mm²]
-
5912-BK 5912
0.18
4.57
0.45
11.43
#6 AWG [13.3 mm²]
#12- 10 AWG [3.3- 5.3 mm²]
5910-BK
-
5910
0.14
3.56
0.47
11.94
#6 AWG [13.3 mm²]
#16- 14 AWG [1.3- 2.1 mm²]
5913-BK
-
5913
0.09
2.29
0.47
11.94
ID
Length
Wire Entrance
#6
13.3
1339G2
#8
8.4
1339G5
#10 / 12
5.3 / 3.3
1339G3
#6
13.3
1340G1
#8
8.4
1340G2
#10 / 12
5.3 / 3.3
1340G3
1389G20
1309G4
1387G1
Single
1388G6
1388G7
1389G9
1388G6
1388G7
AWG
mm²
Power Contact
Part Number
Pneumatic Bench
Tool
Die
Locator
Number of
Crimps
Hand Tool
All Crimp Pins
TL0001
All Crimp Sockets
TL0002
* TP0001 and TM0001 tools require locators TL0001 for Pins and TL0002 for Sockets.
Single
#12 / 24 2.5 / 0.25
TP0001
TM0001
PM1000G1
AWG
mm²
Auxiliary Contact
Part Number
APP Hand Tool w/
Integral Locator
Mil Std. Hand
Tool*
M22520/1-01
Number
of Crimps
Locator for:
TM0001 &
TP0001
Pneumatic
Tool*
Wire Size
Power / Ground Contacts
Wire Size
SBS®75X Auxiliary Contacts
NOTE: See website for the most current information.
15352,
DS-SBS REV C4.1
SBS®75X Auxiliary Contact Insertin Tool: 111038G3
SBS®75X Auxiliary Contact Extraction Tool: PM1003G1
The auxiliary contacts used with wire sizes #16 - #24 AWG cannot be properly inserted without the insertion tool. Properly installed
auxiliary contact of al wire gauges cannot be removed from the hosing without the extraction tool.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com