Electronic Components Datasheet Search
  English  ▼

X  

TL0002 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # TL0002
Description  SBS® Connectors - up to 110 amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

TL0002 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  TL0002 Datasheet HTML 1Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 2Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 3Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 4Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 5Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 6Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 7Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.andersonpower.com
- 51 -
All Data Subject To Change Without Notice
[ 7.3 ]
Ø 0.29
[ 12.4 ]
0.49
[ 39.4 ]
1.55
A
[ 7.6 ]
0.30
[ 7.6 ]
0.30
[ 7.3 ]
Ø 0.29
[ 12.4 ]
0.49
[ 41.9 1.5 ]
1.65 0.06
+-
+-
A
Ground Indicator
[ 1.60 ]
Ø 0.06
ID
Retention Clip
L1
L
Socket
Insert
[ 19.6 ]
0.77
[ 2.6 ]
0.10
Retention
Clip
ID
Auxiliary Pin
- L -
- L1 -
Contact Lengths
in.
mm
in.
mm
Standard Length 7.7mm 0.77 19.6
0.30 7.7
Pre-Mate 9.3mm
0.83 21.2
0.37 9.3
Post-Mate 6.4mm
0.72 18.3
0.25 6.4
Auxiliary Socket Contacts
Crimp Barrel ID
Wire Gauge in.
mm.
#24 / 20
0.04 1.1
#20 / 16
0.07 1.7
#16 / 14
0.08 2.1
#12
0.10 2.6
SBS® Silver Plated Primary Power Wire Contacts
Use two silver plated contacts per housing for the best electrical performance
and durability up to 10,000 mating cycles. Standard contacts are for use in all
primary power positions for SBS® 50, 75X, & 75G wire housings. See reducing
bushings in accessory section for smaller wires. See reducing busings in
accessory section for smaller wires.
Dimensions
Loose Piece
- A -
Type
AWG
mm²
------ Part Numbers ------ inches mm
Minimum Quantity ..................
1,000
100
...................
Standard 6
16
1339G2-BK
1339G2* 0.22
5.59
Standard 8
10
1339G5-BK
1339G5* 0.19
4.83
Standard 12 to 10
2.5 to 6 1339G3-BK
1339G3* 0.14
3.56
* Are sold as pairs. 2 contacts ship for every 1 ordered.
SBS®75G Silver Plated Pre-Mate Wire Contacts
Pre-Mate contacts are for the center Pre-Mate position on the SBS®75G wire
housings. See reducing bushings in accessory section for smaller wires.
Dimensions
Loose Piece
- A -
Type
AWG
mm²
------ Part Numbers ------ inches mm
Minimum Quantity ..................
500
50
.....................
Pre-Mate 6
16
1340G1-BK
1340G1
0.22
5.59
Pre-Mate 8
10
1340G2-BK
1340G2
0.19
4.83
Pre-Mate 12 to 10
2.5 to 6 1340G3-BK
1340G3
0.14
3.56
Pin Contacts for SBS®75X Auxiliary
Gold plated contacts are available in 3 lengths to allow sequencing of circuits.
Description
AWG
mm²
----------------- Part Numbers ----------------
Minimum Quantity ....................................................
500
50
...........
Standard Length 7.7mm 12
2.5
PM16P12S30
PM16P12S30-50
16 to 14
1.0 to 1.5
PM16P1416S30
PM16P1416S30-50
20 to 16
0.75 to 1.0
PM16P1620S30
PM16P1620S30-50
24 to 20
0.50 to 0.75
PM16P2024S30
PM16P2024S30-50
Pre-Mate 9.3mm
12
2.5
PM16P12A30
PM16P12A30-50
16 to 14
1.0 to 1.5
PM16P1416A30
PM16P1416A30-50
20 to 16
0.75 to 1.0
PM16P1620A30
PM16P1620A30-50
24 to 20
0.50 to 0.75
PM16P2024A30
PM16P2024A30-50
Post-Mate 6.4mm
12
2.5
PM16P12C30
PM16P12C30-50
16 to 14
1.0 to 1.5
PM16P1416C30
PM16P1416C30-50
20 to 16
0.75 to 1.0
PM16P1620C30
PM16P1620C30-50
24 to 20
0.50 to 0.75
PM16P2024C30
PM16P2024C30-50
Socket Contacts for SBS®75X Auxiliary
Selectively gold plated contacts offer low resistance and durability up to 10,000 mating cycles.
Description
AWG
mm²
-------------------- Part Numbers -------------------
Minimum Quantity ..................................
500
50
.............
Socket Contact 12
2.5
PM16S12S32
PM16S12S32-50
16 to 14 1.0 to 1.5
PM16S1416S32 PM16S1416S32-50
20 to 16 0.75 to 1.0
PM16S1620S32 PM16S1620S32-50
24 to 20 0.50 to 0.75 PM16S2024S32 PM16S2024S32-50
NEW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com