Electronic Components Datasheet Search
  English  ▼

X  

TL0002 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # TL0002
Description  SBS® Connectors - up to 110 amps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

TL0002 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  TL0002 Datasheet HTML 1Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 2Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 3Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 4Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 5Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 6Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 7Page - Anderson Power Products, Inc. TL0002 Datasheet HTML 8Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.andersonpower.com
- 49 -
All Data Subject To Change Without Notice
SBS® Connectors
- up to 110 amps
The patented SBS® connector family is designed to
provide high power in a compact ergonomic housing
with protection against accidental contact with live circuits.
This is of particular importance in applications where
DC voltages exceed 30 volts and can be health
threatening.
Wire-to-wire and wire-to-board configurations both
provide power contacts rated up to 110 amps. The
SBS®75X offers up to 4 mate-last break-first auxiliary
power / signal contacts rated up to 20 amps. The
SBS®75G features a third first-mate last-break ground
or power contact. All contact positions are rated for
circuit interruption (hot plugging).
• Touch Safe Interface
- Can safely be used in through panel applications
- Minimizes potential contact with live circuits per IEC 60950
• Wire-to-Wire and Wire-to-Board Configurations
Allows one connector to meet multiple needs
• Ground or Auxiliary Positions Integrated into the
One Piece Housing
Meets all connection requirements in one compact
connector housing
| SBS® ORDERING INFORMATION |
SBS®50 Standard Housings
Polycarbonate housings feature 2 positions all finger proof.
Genderless design mates with itself. Mechanical keys are
color coded.
Voltage
Color
Description Code
----------- Part Numbers -----------
Minimum Quantity ......
500
50
...
Red
24V
SBS50RED-BK
SBS50RED
Gray
36V
SBS50GRA-BK
SBS50GRA
Blue
48V
SBS50BLU-BK
SBS50BLU
Black
80V
SBS50BLK-BK
SBS50BLK
Brown
96V
SBS50BRN-BK
SBS50BRN
White
192V
SBS50WHT-BK
SBS50WHT
SBS®50 Chemical Resistant (CR) Housings
Same features as the standard housings, but molded out of a
chemical resistant PBT/ PC blend. Suitable for use to -40°C.
Voltage
Color
Description Code
------------ Part Numbers -------------
Minimum Quantity ......
500
50
...
Red
24V
PSBS50RED-BK
PSBS50RED
Gray
36V
PSBS50GRA-BK
PSBS50GRA
Blue
48V
PSBS50BLU-BK
PSBS50BLU
Green
72V
PSBS50GRN-BK
PSBS50GRN
Black
80V
PSBS50BLK-BK
PSBS50BLK
Brown
96V
PSBS50BRN-BK
PSBS50BRN
[84.8]
3.34
[ 16.5 ]
0.65
[ 55.8 ]
2.20
[ 19.1 ]
0.75
[ 6.3 ]
0.25
[ 36.1 ]
1.42
[ 3.6 ]
0.14 (2)
Material ID
[ 18.0 ]
0.71
P = Chemical Resistant
SBS®75G
SBS®75X
Wire to Wire
NEW


Similar Part No. - TL0002

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
TL0002 APP-TL0002 Datasheet
345Kb / 4P
One Row - Female
More results

Similar Description - TL0002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
SBS짰 Connectors - up to 110 amps
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com