Electronic Components Datasheet Search
  English  ▼

X  

D3213 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # D3213
Description  Signal Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D3213 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  D3213 Datasheet HTML 1Page - TE Connectivity Ltd D3213 Datasheet HTML 2Page - TE Connectivity Ltd D3213 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
02-2015, Rev. 0215
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
AXICOM
Signal Relays
FX2 Relay (Continued)
Dimensions
14.95±0.05
7.3±0.05
0.5
5.08±0.15
Packing
Product code structure
Typical product code
D32
04
Type
D32 Signal Relays FX2
2 form C, 2 CO
Coil
Coil code: please refer to coil versions table
Performance and coil type
0x,1xStandard version, monostable
2x
High sensitive version, monostable
4x
Standard version bistable
9x
High dielectric version, monostable
6x
High dielectric version, bistable
Product code
Arrangement
Perf. type
Coil type
Coil
Part number
D3206
2 form C (2 CO)
Standard
Monostable
3VDC
1462034-6
D3207
4VDC
1462034-8
D3204
4.5VDC
1462034-2
D3209
5VDC
1462034-9
D3205
6VDC
1462034-5
D3210
9VDC
1-1462034-3
D3202
12VDC
1462034-1
D3212
24VDC
1-1462034-4
D3213
48VDC
1-1462034-5
D3221
2 form C (2 CO)
High sensitive
Monostable
3VDC
1-1462034-9
D3222
4.5VDC
2-1462034-0
D3223
5VDC
2-1462034-1
D3225
9VDC
2-1462034-3
D3226
12VDC
2-1462034-4
D3227
24VDC
2-1462034-5
D3228
48VDC
2-1462034-6
D3241
2 form C (2 CO)
Standard
Bistable
3VDC
2-1462034-8
D3242
4.5VDC
2-1462034-9
D3243
5VDC
3-1462034-0
D3246
12VDC
3-1462034-3
D3247
24VDC
3-1462034-4
D3291
2 form C (2 CO)
High dielectric
Monostable
3VDC
6-1462034-6
D3292
4.5VDC
6-1462034-8
D3296
12VDC
6-1462034-7
D3262
2 form C (2 CO)
High dielectric
Bistable
4.5VDC
6-1462034-3
This list represents the most common types and does not show all variants covered by this data sheet.
Other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com