Electronic Components Datasheet Search
  English  ▼

X  

D3213 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # D3213
Description  Signal Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D3213 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  D3213 Datasheet HTML 1Page - TE Connectivity Ltd D3213 Datasheet HTML 2Page - TE Connectivity Ltd D3213 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
02-2015, Rev. 0215
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Slim line 15x7.3mm (.590x.287”)
n
2 form C bifurcated contacts (2 CO), switching current 2A
n
High sensitivity for low power consumption, 80mW/140mW
n
High dielectric characteristic, up to 2100Vrms between open
contact
n
High surge capability (1.2/50μs and 10/700μs) meets Telcordia GR
1089 and FCC Part 68, up to 2900V between open contacts,
up to 6000V between coil and contacts
n
High mechanical shock, up to 1500g survival
n
Hermetically sealed (RT V)
Typical applications
Communications equipment, linecard application - analog, ISDN, xDSL,
PABX, voice over IP, office and business equipment, measurement and
control equipment, consumer electronics, set top boxes, HiFi, medical
equipment
Approvals
UL 508 File No. E 111441
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (CO)
Max. switching voltage
220VDC, 250VAC
Rated current
2A
Limiting continuous current
2A
Switching power
60W, 62.5VA
Contact material
PdRu, Au covered
Contact style
bifurcated contacts
Min. recommended contact load
100µV/1µA
Initial contact resistance
<70mΩ
Thermoelectric potential
<10µV
Operate time
typ. 3ms, max. 4ms
Release time
without diode in parallel
typ. 1ms, max. 3ms
with diode in parallel
typ. 3ms, max. 4ms
Set/reset time min.
20ms
Bounce time max.
typ. 1ms, max. 5ms
Electrical endurance
at contact application 0
(≤ 30mV / ≤ 10mA)
min. 2.5x106 operations
cable load open end
min. 2.0x106 operations
resistive, 24V / 1.25A - 30W
min. 5x105 operations
resistive, 30VDC / 2A - 60W
min. 5x105 operations
resistive, 125VDC / 0.24A - 30W
min. 5x105 operations
UL contact rating
30VDC, 2A, 60W
125VDC, 0.5A, 62,5W
120VDC, 1.25A, 150W
Mechanical endurance
100x106 operations
Coil Data
Magnetic system
polarized, monostable, bistable
Coil voltage range
3 to 48VDC
Max. coil temperature
125°C.
Thermal resistance
<165K/W
Coil versions, monostable
Coil
Rated
Operate
Limiting
Release
Coil
Rated coil
code
voltage
voltage
voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
Standard version, monostable, 1 coil
06
3
2.10
6.30
0.30
64
140
07
4
2.80
8.40
0.40
114
140
04
4.5
3.15
9.40
0.45
145
140
09
5
3.50
10.50
0.50
178
140
05
6
4.20
12.60
0.60
257
140
10
9
6.30
18.90
0.90
574
140
02
12
8.40
25.20
1.20
1028
140
12
24
16.80
42.20
2.40
2880
200
13
48
33.60
68.90
4.80
7680
300
High sensitive version, monostable, 1 coil
21
3
2.10
8.30
0.30
113
80
22
4.5
3.15
11.10
0.45
253
80
23
5
3.50
12.50
0.50
313
80
24
6
4.20
13.90
0.60
450
80
25
9
6.30
16.70
0.90
1013
80
26
12
8.40
33.40
1.20
1800
80
27
24
16.80
50.40
2.40
4114
140
28
48
36.00
70.00
4.80
8882
260
High dielectric version, monostable, 1 coil
91
3
2.25
6.3
0.30
45
200
92
4.5
3.15
9.45
0.45
101
200
96
12
8.40
25.2
1.20
720
200
All figures are given for coil without pre-energization, at ambient temperature +23°C.
FX2 Relay
DC current [A]
Max. DC load breaking capacity
108-98003 Rev. G
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 11
Telecom-, Signal and RF Relays
FX2 Relay
AXICOM
Coil Operating Range
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of
the coil voltage (limiting voltage)
Uop. min. =
Lower limit of the operative range of the
coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
Urel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-60
-50
-40-30
-20
-100
10
20
30
40
50
60
70
80
90
100 110 120
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
80 mW
140 mW
200 mW
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-60-50
-40-30
-20-10
0102030405060708090
100 110 120
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Uop. min.
Urel. min.
Ambient Temperature [°C]
Unom. nominal coil voltage
260 mW
300 mW
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
-60-50 -40-30 -20-10
0102030405060708090100 110120 130140
Umax. - 5 % coil duty at 2 x 2 A
Umax. - 100 % coil duty at 0 A
Uset min.
Ambient Temperature [°C]
100 mW Latching
Unom. nominal coil voltage
Umax. - 5 % coil duty at 0 A
Umax. - 5 % coil duty at 2 x 1 A
Z


Similar Part No. - D3213

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D3213 MACOM-D3213 Datasheet
2Mb / 11P
FX2 Relay
More results

Similar Description - D3213

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
Signal Relays
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
RF Signal Relays
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
RF Signal Relays
logo
Kemet Corporation
EC2-24SNU KEMET-EC2-24SNU Datasheet
86Kb / 1P
Relays, Signal, EC2
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
Signal Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
Relays, Signal, EC2
EE2-12NUH-L KEMET-EE2-12NUH-L Datasheet
87Kb / 1P
Relays, Signal, EE2
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
Signal Relays
29/06/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com