Electronic Components Datasheet Search
  English  ▼

X  

OP290 Datasheet(PDF) 6 Page - Analog Devices

Part # OP290
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP290 Datasheet HTML 2Page - Analog Devices OP290 Datasheet HTML 3Page - Analog Devices OP290 Datasheet HTML 4Page - Analog Devices OP290 Datasheet HTML 5Page - Analog Devices OP290 Datasheet HTML 6Page - Analog Devices OP290 Datasheet HTML 7Page - Analog Devices OP290 Datasheet HTML 8Page - Analog Devices OP290 Datasheet HTML 9Page - Analog Devices OP290 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
OP290
–6–
FREQUENCY – Hz
140
40
1k
110
100
120
100
80
TA = 25 C
60
POSITIVE SUPPLY
NEGATIVE SUPPLY
TPC 10. Power Supply Rejection
vs. Frequency
FREQUENCY – Hz
10
1
0.1
0.1
1
1k
10
100
TA = 25 C
VS = 15V
TPC 13. Current Noise Density
vs. Frequency
FREQUENCY – Hz
140
40
1k
110
100
120
100
80
TA = 25 C
VS = 15V
60
TPC 11. Common-Mode Rejection
vs. Frequency
10
0%
100
90
100 s
20mV
TA = 25 C
VS = 15V
AV = +1
RL = 10k
CL = 500pF
TPC 14. Small-Signal Transient
Response
FREQUENCY – Hz
1,000
100
10
0.1
1
1k
10
100
TA = 25 C
VS = 15V
TPC 12. Noise Voltage Density
vs. Frequency
10
0%
100
90
1ms
5V
TA = 25 C
VS = 15V
AV = +1
RL = 10k
CL = 500pF
TPC 15. Large-Signal Transient
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com