Electronic Components Datasheet Search
  English  ▼

X  

OP290 Datasheet(PDF) 1 Page - Analog Devices

Part # OP290
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290 Datasheet(HTML) 1 Page - Analog Devices

  OP290 Datasheet HTML 1Page - Analog Devices OP290 Datasheet HTML 2Page - Analog Devices OP290 Datasheet HTML 3Page - Analog Devices OP290 Datasheet HTML 4Page - Analog Devices OP290 Datasheet HTML 5Page - Analog Devices OP290 Datasheet HTML 6Page - Analog Devices OP290 Datasheet HTML 7Page - Analog Devices OP290 Datasheet HTML 8Page - Analog Devices OP290 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
a
OP290
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Precision, Low Power, Micropower
Dual Operational Amplifier
PIN CONNECTIONS
PDIP
(P-Suffix)
8
7
6
5
1
2
3
4
OP290
A
B
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
FEATURES
Single-/Dual-Supply Operation, 1.6 V to 36 V,
0.8 V to
18 V
True Single-Supply Operation; Input and Output Voltage
Ranges Include Ground
Low Supply Current (Per Amplifier), 20
A Max
High Output Drive, 5 mA Min
Low Input Offset Voltage, 200
V Max
High Open-Loop Gain, 700 V/mV Min
Outstanding PSRR, 5.6
V/V Max
Industry Standard 8-Lead Dual Pinout
Available in Die Form
GENERAL DESCRIPTION
The OP290 is a high performance micropower dual op amp that
operates from a single supply of 1.6 V to 36 V or from dual
supplies of
±0.8 V to ±18 V. Input voltage range includes the
negative rail allowing the OP290 to accommodate input signals
down to ground in single-supply operation. The OP290’s out-
put swing also includes ground when operating from a single
supply, enabling “zero-in, zero-out” operation.
The OP290 draws less than 20
µA of quiescent supply current
per amplifier, while able to deliver over 5 mA of output current
to a load. Input offset voltage is below 200
µV eliminating the
need for external nulling. Gain exceeds 700,000 and common-mode
rejection is better than 100 dB. The power supply rejection ratio
of under 5.6
µV/V minimizes offset voltage changes experienced
in battery-powered systems. The low offset voltage and high gain
offered by the OP290 bring precision performance to micropower
applications. The minimal voltage and current requirements
of the OP290 suit it for battery- and solar-powered applications,
such as portable instruments, remote sensors, and satellites. For
a single op amp, see the OP90; for a quad, see the OP490.
+IN
–IN
NULL
NULL
OUTPUT
V+
V
ELECTRONICALLY ADJUSTED ON CHIP
FOR MINIMUM OFFSET VOLTAGE
Figure 1. Simplified Schematic (one of two amplifiers is shown)


Similar Part No. - OP290

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP290 AD-OP290 Datasheet
165Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
logo
OPTEK Technologies
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
logo
TT Electronics.
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
logo
Analog Devices
OP290 AD-OP290 Datasheet
284Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
Rev. C
logo
OPTEK Technologies
OP290A OPTEK-OP290A Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
More results

Similar Description - OP290

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
OP-290 AD-OP-290 Datasheet
360Kb / 10P
PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER
OP-90 AD-OP-90 Datasheet
426Kb / 12P
PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP290 AD-OP290 Datasheet
165Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
OP90 AD-OP90 Datasheet
653Kb / 12P
Precision Low-Voltage Micropower Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
Analog Devices
OP90GPZ AD-OP90GPZ Datasheet
1Mb / 13P
Precision Low-Voltage Micropower Operational Amplifier
REV. C
OP290 AD-OP290_15 Datasheet
284Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. C
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
Precision Low Voltage Micropower Operational Amplifier
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com