Electronic Components Datasheet Search
  English  ▼

X  

OP279GS Datasheet(PDF) 5 Page - Analog Devices

Part # OP279GS
Description  Rail-to-Rail High Output Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP279GS Datasheet(HTML) 5 Page - Analog Devices

  OP279GS Datasheet HTML 1Page - Analog Devices OP279GS Datasheet HTML 2Page - Analog Devices OP279GS Datasheet HTML 3Page - Analog Devices OP279GS Datasheet HTML 4Page - Analog Devices OP279GS Datasheet HTML 5Page - Analog Devices OP279GS Datasheet HTML 6Page - Analog Devices OP279GS Datasheet HTML 7Page - Analog Devices OP279GS Datasheet HTML 8Page - Analog Devices OP279GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP179/OP279
–5–
REV. G
VS
5V
VCM
2.5V
6.5
4.0
100
5.5
4.5
–25
5.0
–50
6.0
75
50
25
0
TEMPERATURE – C
VS
6V
VS
5V
TPC 10. Supply Current vs.
Temperature
FREQUENCY – Hz
120
60
0
10
100
10M
1M
100k
10k
1k
80
100
20
40
VS
2.5V
TA
25 C
–PSRR
+PSRR
TPC 13. Power Supply Rejection vs.
Frequency
12
6
0
10k
10M
1M
100k
1k
4
2
8
10
FREQUENCY – Hz
TA
25 C
VS
5V
AVCL
+1
RL
1k
TPC 16. Maximum Output Swing vs.
Frequency
5
0
100
3
1
–25
2
–50
4
75
50
25
0
TEMPERATURE – C
VS
5V
RL
1k
CL
+1nF
+EDGE
–EDGE
TPC 11. Slew Rate vs. Temperature
6
3
0
10k
10M
1M
100k
1k
2
1
4
5
FREQUENCY – Hz
TA
25 C
VS
2.5V
AVCL
+1
RL
1k
TPC 14. Maximum Output
Swing vs. Frequency
50
10
–30
1k
10k
100M
10M
1M
100k
20
30
40
–20
–10
0
FREQUENCY – Hz
AVCL
+100
AVCL
+10
AVCL
+1
VS
2.5V
TA
25 C
RL
1k
TPC 17. Closed-Loop Gain vs.
Frequency
PHASE
GAIN
120
40
–40
100
1k
10M
1M
100k
10k
60
80
100
–20
0
20
270
90
–90
135
180
225
–45
0
45
FREQUENCY – Hz
VS
2.5V
TA
–40 C
RL
2k
CL
500pF
TPC 12. Open-Loop Gain and
Phase vs. Frequency
180
160
140
120
100
80
60
40
20
0
10
100
10M
1M
100k
10k
1k
TA
25 C
VS
2.5V OR
5V
FREQUENCY – Hz
AVCL
1
AVCL
10 OR 100
TPC 15. Closed-Loop Output
Impedance vs. Frequency
80
0
10k
20
10
0
40
30
50
60
70
8k
6k
4k
2k
LOAD CAPACITANCE – pF
TA
25 C
AVCL
+1
RL
1k
VS
2.5V
VIN
100mV p-p
POSITIVE EDGE AND
NEGATIVE EDGE
TPC 18. Small Signal Overshoot vs.
Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com