Electronic Components Datasheet Search
  English  ▼

X  

OP279GS Datasheet(PDF) 11 Page - Analog Devices

Part # OP279GS
Description  Rail-to-Rail High Output Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP279GS Datasheet(HTML) 11 Page - Analog Devices

Back Button OP279GS Datasheet HTML 7Page - Analog Devices OP279GS Datasheet HTML 8Page - Analog Devices OP279GS Datasheet HTML 9Page - Analog Devices OP279GS Datasheet HTML 10Page - Analog Devices OP279GS Datasheet HTML 11Page - Analog Devices OP279GS Datasheet HTML 12Page - Analog Devices OP279GS Datasheet HTML 13Page - Analog Devices OP279GS Datasheet HTML 14Page - Analog Devices OP279GS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP179/OP279
–11–
REV. G
UNITY-GAIN, SALLEN-KEY (VCVS) FILTERS
High Pass Configurations
Figure 14a is the HP form of a unity-gain 2-pole SK filter
using an OP179/OP279 section. For this filter and its LP coun-
terpart, the gain in the passband is inherently unity, and the
signal phase is noninverting due to the follower hookup. For
simplicity and practicality, capacitors C1-C2 are set equal, and
resistors R2-R1 are adjusted to a ratio “N,” which provides the
filter damping “
α” as per the design expressions. An HP design
starts with the selection of standard capacitor values for C1 and
C2, and a calculation of N. R1 and R2 are then calculated as
per the figure expressions.
In these examples,
α (or 1/Q) is set equal to √2, providing a
Butterworth (maximally flat) response characteristic. The filter
corner frequency is normalized to 1 kHz, with resistor values
shown in both rounded and (exact) form. Various other two-pole
response shapes are also possible with appropriate selection of
α. For a given response type (α), frequency can be easily scaled,
using proportional R or C values.
+VS
–VS
U1A
OP279
1
3
2
4
8
IN
R2
22k
(22.508k )
R1
11k
(11.254k )
C2
0.01 F
R = R2
0.1 F
Zf (HIGH PASS)
C1
0.01 F
GIVEN: ALPHA, F
SET C1 = C2 = C
ALPHA = 2/(N^0.5) = 1/Q
N = 4/(ALPHA)^2 = R2/R1
R1 = 1/(2*PI*F*C* (N^0.5))
R2 = N*R1
1kHz BW SHOWN
OUT
7
5
6
R = R1+R2
Zf (LOW PASS)
GIVEN: ALPHA, F
SET R1 = R2 = R
ALPHA = 2/(M^0.5) = 1/Q
N = 4/(ALPHA)^2 = C2/C1
PICK C1
C1 = M*C1
R = 1/(2*P1*F*C1* (M^0.5))
1kHz BW SHOWN
IN
R2
11k
(11.254k )
C2
0.01 F
0.1 F
C1
0.02 F
OUT
U1B
OP279
R1
11k
(11.254k )
a. High Pass
b. Low Pass
Figure 14. Two-Pole Unity-Gain Sallen Key HP/LP Filters
Low Pass Configurations
In the LP SK arrangement of Figure 14b, R and C elements are
interchanged, and the resistors are made equal. Here the C2/C1
ratio “M” is used to set the filter
α, as noted. This design is begun
with the choice of a standard capacitor value for C1 and a calcu-
lation of M, which forces a value of “M
× C1” for C2. Then, the
value “R” for R1 and R2 is calculated as per the expression.
For highest performance, the passive components used for tun-
ing active filters deserve attention. Resistors should be 1%, low
TC, metal film types of the RN55 or RN60 style, or similar.
A Single-Supply Headphone Amplifier
Because of its high speed and large output drive, the OP179/P279
makes for an excellent headphone driver, as illustrated in Figure
13. Its low supply operation and rail-to-rail inputs and outputs
give a maximum signal swing on a single 5 V supply. To ensure
maximum signal swing available to drive the headphone, the
amplifier inputs are biased to V+/2, which is in this case 2.5 V.
The 100 k
Ω resistor to the positive supply is equally split into
two 50 k
Ω with their common point bypassed by 10 µF to pre-
vent power supply noise from contaminating the audio signal.
16
50k
220 F
LEFT
HEADPHONE
10 F
50k
50k
100k
10 F
LEFT
INPUT
+V + 5V
1/2
OP279
16
50k
220 F
RIGHT
HEADPHONE
10 F
50k
50k
100k
10 F
RIGHT
INPUT
+V
+V + 5V
1/2
OP279
Figure 13. A Single-Supply, Stereo Headphone Driver
The audio signal is then ac-coupled to each input through a
10
µF capacitor. A large value is needed to ensure that the
20 Hz audio information is not blocked. If the input already has
the proper dc bias, the ac coupling and biasing resistors are not
required. A 220
µF capacitor is used at the output to couple the
amplifier to the headphone. This value is much larger than that
used for the input because of the low impedance of the head-
phones, which can range from 32
Ω to 600 Ω. An additional
16
Ω resistor is used in series with the output capacitor to pro-
tect the op amp’s output stage by limiting capacitor discharge
current. When driving a 48
Ω load, the circuit exhibits less than
0.02% THD+N at low output drive levels (not shown). The
OP179/OP279’s high current output stage can drive this heavy
load to 4 V p-p and maintain less than 1% THD+N.
Active Filters
Several active filter topologies are useful with the OP179/OP279.
Among these are two popular architectures, the familiar Sallen-
Key (SK) voltage controlled voltage source (VCVS) and the
multiple feedback (MFB) topologies. These filter types can be
arranged for high pass (HP), low pass (LP), and band-pass (BP)
filters. The SK filter type uses the op amp as a fixed gain voltage
follower at unity or a higher gain, while the MFB structure uses
it as an inverting stage. Discussed here are simplified, 2-pole
forms of these filters, highly useful as system building blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com