Electronic Components Datasheet Search
  English  ▼

X  

OP213FP Datasheet(PDF) 10 Page - Analog Devices

Part # OP213FP
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP213FP Datasheet(HTML) 10 Page - Analog Devices

Back Button OP213FP Datasheet HTML 6Page - Analog Devices OP213FP Datasheet HTML 7Page - Analog Devices OP213FP Datasheet HTML 8Page - Analog Devices OP213FP Datasheet HTML 9Page - Analog Devices OP213FP Datasheet HTML 10Page - Analog Devices OP213FP Datasheet HTML 11Page - Analog Devices OP213FP Datasheet HTML 12Page - Analog Devices OP213FP Datasheet HTML 13Page - Analog Devices OP213FP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 10 of 24
70
50
125
65
55
–50
60
75
50
25
0
–25
5
1
4
2
3
–75
GBW
θm
V+ = 5V
V– = 0V
TEMPERATURE (°C)
100
Figure 23. Gain Bandwidth Product and Phase Margin vs. Temperature @ 5 V
30
15
0
10
5
20
25
FREQUENCY (Hz)
1
10
100
1k
TA = 25°C
VS = ±15V
Figure 24. Voltage Noise Density vs. Frequency
140
100
0
120
60
80
20
40
FREQUENCY (Hz)
100
1k
10k
100k
1M
V+ = 5V
V– = 0V
TA = 25°C
Figure 25. Common-Mode Rejection vs. Frequency @ 5 V
70
50
125
65
55
–50
60
75
50
25
0
–25
5
1
4
2
3
–75
θm
TEMPERATURE (°C)
100
VS = ±15V
GBW
Figure 26. Gain Bandwidth Product and Phase Margin vs. Temperature @ ±15 V
3.0
1.5
0
1.0
0.5
2.0
2.5
FREQUENCY (Hz)
1
10
100
1k
TA = 25°C
VS = ±15V
Figure 27. Current Noise Density vs. Frequency
140
100
0
1M
1k
100k
10k
100
120
60
80
20
40
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 28. Common-Mode Rejection vs. Frequency @ ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com