Electronic Components Datasheet Search
  English  ▼

X  

OP213FP Datasheet(PDF) 16 Page - Analog Devices

Part # OP213FP
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP213FP Datasheet(HTML) 16 Page - Analog Devices

Back Button OP213FP Datasheet HTML 12Page - Analog Devices OP213FP Datasheet HTML 13Page - Analog Devices OP213FP Datasheet HTML 14Page - Analog Devices OP213FP Datasheet HTML 15Page - Analog Devices OP213FP Datasheet HTML 16Page - Analog Devices OP213FP Datasheet HTML 17Page - Analog Devices OP213FP Datasheet HTML 18Page - Analog Devices OP213FP Datasheet HTML 19Page - Analog Devices OP213FP Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 16 of 24
8
1
4
3
2
2
OUTPUT
+
VS+ = 5V
12V
R1
5kΩ
R2
5kΩ
VS+
C2
1µF
R3
2.5kΩ
C1
0.1µF
R4
100Ω
–
+
1/2
OP213
Figure 46. False Ground Generator
LOW NOISE VOLTAGE REFERENCE
Few reference devices combine low noise and high output drive
capabilities. Figure 47 shows the OPx13 family used as a two-
pole active filter that band limits the noise of the 2.5 V reference.
Total noise measures 3 μV p-p.
8
1
4
3
2
1/2
OP213
5V
–
+
OUTPUT
2.5V
+
10kΩ
10kΩ
6
2
5V
IN
OUT
4
GND
REF43
–
+
3µV p-p NOISE
10µF
C2
10µF
Figure 47. Low Noise Voltage Reference
5 V ONLY STEREO DAC FOR MULTIMEDIA
The OPx13 family’s low noise and single supply capability are
ideally suited for stereo DAC audio reproduction or sound
synthesis applications such as multimedia systems. Figure 48
shows an 18-bit stereo DAC output setup that is powered from a
single 5 V supply. The low noise preserves the 18-bit dynamic
range of the AD1868. For DACs that operate on dual supplies,
the OPx13 family can also be powered from the same supplies.
18-BIT
DAC
18-BIT
DAC
VREF
VREF
AGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VL
LL
DL
CK
DR
LR
DGND
VBR
VS
VOR
VOL
VBL
AD1868
8
1
47kΩ
+ –
100pF
7.68kΩ
7.68kΩ
7.68kΩ
7.68kΩ
330pF
9.76kΩ
330pF
9.76kΩ
6
5
7
100pF
47kΩ
+ –
5V SUPPLY
1/2
OP213
1/2
OP213
18-BIT
SERIAL
REG.
18-BIT
SERIAL
REG.
–
+
+
+
220µF
LEFT
CHANNEL
OUTPUT
+
–
–
+
3
2
4
RIGHT
CHANNEL
OUTPUT
220µF
Figure 48. 5 V Only 18-Bit Stereo DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com