Electronic Components Datasheet Search
  English  ▼

X  

CMF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CMF
Description  CMF Industrial Metal Film Resistors, Axial, Industrial, Precision
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMF Datasheet(HTML) 1 Page - Vishay Siliconix

  CMF Datasheet HTML 1Page - Vishay Siliconix CMF Datasheet HTML 2Page - Vishay Siliconix CMF Datasheet HTML 3Page - Vishay Siliconix CMF Datasheet HTML 4Page - Vishay Siliconix CMF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMF Industrial
www.vishay.com
Vishay Dale
Revision: 07-May-2024
1
Document Number: 31018
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors, Axial, Industrial, Precision
FEATURES
• Small size - conformal coated
• Flame retardant epoxy coating
• Controlled temperature coefficient
• Excellent high frequency characteristics
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
MAXIMUM
WORKING
VOLTAGE (1)
V
POWER
RATING
P70 °C
W
RESISTANCE
RANGE
Ω
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CMF50
CMF-50
200
0.25
43 to 332K
0.1
25
22 to 332K
0.25
10 to 475K
0.5, 1
10 to 475K
0.5
50, 100, 150, 200, 300
1 to 10M
1
0.22 to 10M
5
CMF55
CMF-55
350
0.4
10 to 1M
0.1, 0.25, 0.5, 1
25
10 to 1M
0.5
50, 100, 150, 200, 300
1 to 10M
1
0.22 to 22M
5
CMF60
CMF-60
500
0.65
43 to 1M
0.1
25
22 to 1.5M
0.25
10 to 2.43M
0.5, 1
10 to 2.43M
0.5
50, 100, 150, 200, 300
1 to 22M
1
0.22 to 22M
5
CMF07
CMF-07
350
0.4
1 to 10M
1
50, 100, 150, 200, 300
0.22 to 22M
5
CMF20
CMF-20
500
0.65
1 to 22M
1
50, 100, 150, 200, 300
0.22 to 22M
5
P x R


Similar Part No. - CMF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CMF IRCTT-CMF Datasheet
111Kb / 3P
Commercial Grade Metal Film Resistor
logo
List of Unclassifed Man...
CMF ETC2-CMF Datasheet
232Kb / 4P
SMD Multilayer Common Mode Filter
logo
Frontier Electronics.
CMF FRONTIER-CMF Datasheet
508Kb / 6P
THIN FILM COMMON MODE FILTERS
logo
Vishay Siliconix
CMF VISHAY-CMF Datasheet
146Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
logo
TT Electronics.
CMF TTELEC-CMF Datasheet
255Kb / 3P
Commercial Grade Metal Film Resistor
More results

Similar Description - CMF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMF20120R00JNR6 VISHAY-CMF20120R00JNR6 Datasheet
172Kb / 5P
Metal Film Resistors, Industrial, Precision
02-May-13
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
19-Nov-12
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Mar-10
CMF55301R00FKRE70 VISHAY-CMF55301R00FKRE70 Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
09-Sep-13
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
CMFINDUSTRIAL VISHAY-CMFINDUSTRIAL Datasheet
159Kb / 5P
Metal Film Resistors, Industrial, Precision
24-Apr-14
CMFNON-MAGNETIC VISHAY-CMFNON-MAGNETIC Datasheet
151Kb / 5P
Metal Film Resistors, Non-Magnetic, Industrial, Precision
23-Apr-14
CPF VISHAY-CPF Datasheet
98Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Sep-13
GSR VISHAY-GSR Datasheet
77Kb / 3P
Metal Film Resistors, Hermetically-Sealed, Precision, Industrial
19-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com