Electronic Components Datasheet Search
  English  ▼

X  

CMF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CMF
Description  CMF Industrial Metal Film Resistors, Axial, Industrial, Precision
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMF Datasheet(HTML) 3 Page - Vishay Siliconix

  CMF Datasheet HTML 1Page - Vishay Siliconix CMF Datasheet HTML 2Page - Vishay Siliconix CMF Datasheet HTML 3Page - Vishay Siliconix CMF Datasheet HTML 4Page - Vishay Siliconix CMF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMF Industrial
www.vishay.com
Vishay Dale
Revision: 07-May-2024
3
Document Number: 31018
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LOAD LIFE SHIFT DUE TO POWER AND DERATING AT +70 °C
The power rating for the CMF parts is tied to the derating temperature, the heat rise of the parts, and the
ΔR for the load life performance.
When the tables/graphs below are used together they show that when the parts are run at their higher power ratings, the parts will run hotter,
which has the potential of causing the resistance of the parts to shift more over the life of the part.
LOAD LIFE SHIFT VS. POWER RATING
LOAD LIFE
MAXIMUM
ΔR (TYPICAL TEST LOTS)
± 0.15 %
± 0.5 %
± 1.0 %
MODEL
POWER RATING AT +70 °C
CMF50
1/10 W
1/8 W
1/4 W
CMF55, CMF07
1/8 W
1/4 W
1/2 W
CMF60, CMF20
1/4 W
1/2 W
1 W
CMF resistors have an operating temperature range of -55 °C to +125 °C. They must be derated at high ambient temperatures according to
the derating curve.
DERATING
MATERIAL SPECIFICATIONS
Element
Vacuum-deposited nickel-chrome alloy
Coating
Flame retardant epoxy, formulated for superior
moisture protection
Core
Fire-cleaned high purity ceramic
Solderability
Continuous satisfactory coverage when tested
in accordance with JSTD-002
MARKING
Temperature coefficient: T00 = 200 ppm, T0 = 150 ppm, T1 = 100 ppm, T2 = 50 ppm, T9 = 25 ppm, M = 300 ppm
CMF50: (2 lines)
CMF55, CMF60, CMF65, CMF70: (4 lines)
3.01
Value
DALE
Manufacturer’s name
K 1 %
Ohm, K or M sign and tolerance
CMF55
Style and size
49.9 k
Ω
Value
1 % T2
Tolerance and TC
10
100
1000
10000
0
20
40
60
80
100
120
-55 -50
-25
0
25
50
100
150
165
200
175
Axis Title
Ambient Temperature (°C)
70
125



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com