Electronic Components Datasheet Search
  English  ▼

X  

FT201X Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # FT201X
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201X Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button FT201X Datasheet HTML 13Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 14Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 15Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 16Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 17Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 18Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 19Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 20Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
17
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
6.3 DC Characteristics
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC
VCC Operating Supply
Voltage
2.97
5
5.5
V
Normal Operation
VCC2
VCCIO Operating
Supply Voltage
1.62
---
3.63
V
Icc1
Operating Supply
Current
6.4
8
8.65
mA
Normal Operation
Icc2
Operating Supply
Current
125
μA
USB Suspend
3V3OUT
3.3v regulator output
2.97
3.3
3.63
V
VCC must be
greater than 3V3
otherwise 3V3OUT
is an input which
must be driven
with 3.3V
Table 6.3 Operating Voltage and Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com