Electronic Components Datasheet Search
  English  ▼

X  

FT201X Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT201X
Description  FT201X USB I2C SLAVE IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT201X Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT201X Datasheet HTML 1Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 2Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 3Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 4Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 5Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 6Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 7Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 8Page - Future Technology Devices International Ltd. FT201X Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Copyright © 2014 Future Technology Devices International Limited
2
FT201X USB I2C SLAVE IC Datasheet
Version 1.4
Document No.: FT_000627 Clearance No.: FTDI# 264
1 Typical Applications
Upgrading Legacy Peripherals to USB
Utilising USB to add system modularity
Incorporate USB interface to enable PC
transfers for development system
communication
Motherboard and system monitoring through
USB
USB dongle implementations for Software/
Hardware Encryption and Wireless Modules
Interfacing MCU/PLD/FPGA based designs to
add USB connectivity
USB Instrumentation
USB Industrial Control
USB Digital Camera Interface
Ability to detect dedicated charging ports for
high current charging of batteries in portable
devices
1.1 Driver Support
Royalty free VIRTUAL COM PORT
(VCP) DRIVERS for...
Windows 8 32,64-bit
Windows 7 32,64-bit
Windows Vista and Vista 64-bit
Windows XP and XP 64-bit
Windows Embedded Operating Systems
Server 2003, XP and Server 2008
Windows CE 4.2, 5.0 and 6.0
Mac OS-X
Linux 3.2 and greater
Android
Royalty free D2XX Direct Drivers
(USB Drivers + DLL S/W Interface)
Windows 8 32,64-bit
Windows 7 32,64-bit
Windows Vista and Vista 64-bit
Windows XP and XP 64-bit
Windows Embedded Operating Systems
Server 2003, XP and Server 2008
Windows CE 4.2, 5.0 and 6.0
Mac OS-X
Linux 2.6 and greater
Android
The drivers listed above are all available to download for free from FTDI website (www.ftdichip.com).
Various 3rd party drivers are also available for other operating systems - see FTDI website
(www.ftdichip.com) for details.
For driver installation, please refer to http://www.ftdichip.com/Documents/InstallGuides.htm
1.2 Part Numbers
Part Number
Package
FT201XQ-x
16 Pin QFN
FT201XS-x
16 Pin SSOP
Note: Packing codes for x is:
- R: Taped and Reel, (SSOP is 3,000pcs per reel, QFN is 5,000pcs per reel).
- U: Tube packing, 100pcs per tube (SSOP only)
- T: Tray packing, 490pcs per tray (QFN only)
For example: FT201XQ-R is 5,000pcs taped and reel packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com