Electronic Components Datasheet Search
  English  ▼

X  

AR60 Datasheet(PDF) 2 Page - SICK AG

Part # AR60
Description  SAFETY LIGHT CURTAINS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

AR60 Datasheet(HTML) 2 Page - SICK AG

  AR60 Datasheet HTML 1Page - SICK AG AR60 Datasheet HTML 2Page - SICK AG AR60 Datasheet HTML 3Page - SICK AG AR60 Datasheet HTML 4Page - SICK AG AR60 Datasheet HTML 5Page - SICK AG AR60 Datasheet HTML 6Page - SICK AG AR60 Datasheet HTML 7Page - SICK AG AR60 Datasheet HTML 8Page - SICK AG AR60 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
C2MT-01224BBC03BE0 | miniTwin
SAFETY LIGHT CURTAINS
Illustration may differ
Ordering information
miniTwin2 as a standalone device, miniTwin2 as last guest for 2- or 3-device
cascade
System con-
nection
Resolution
Length
of cable
Protective
field height
Type
Part no.
Male connector
M12, 5-pin
24 mm
160 mm
120 mm
C2MT-
01224BBC03BE0
1207822
This article includes 1 twin stick. Please order 2 for a functioning miniTwin2 system. Important notes: 1.) Concerns installa-
tion as a spare part: This type 2 device may be used as per section 1, paragraph (2a) of Machinery Directive 2006/42/EC
within the EU as a spare part for identical PL d/SIL2 devices only if the machine was put on the market before 10/5/2015.
Keep this note with your machine documentation. If the machine is resold, this note must be passed on to the next buyer. 2.)
Concerns installation in new machines: Due to the amendment to the EN/IEC 61496-1 standard, this type 2 device may only
be installed on new machines up to PLc/SIL1 as of 5/10/2015.
Other models and accessories
www.sick.com/miniTwin
Detailed technical data
Features
System part
1 Twin-Stick
Usage
miniTwin2 as a standalone device
miniTwin2 as last guest for 2- or 3-device cascade
Mounting system type
C-fix or L-fix bracket
Resolution
24 mm
Scanning range
Minimum 0 m ... 6 m
Typical 0 m ... 8 m
Protective field height
120 mm
Response time
≤ 13 ms 1)
Synchronization
Optical, without separate synchronization
Items supplied
Twin stick
System plug
C-Fix bracket and L-Fix bracket, 2 pieces each
Test rod with diameter corresponding to the resolution of the safety light curtain
Safety instruction
Mounting instructions
Operating instructions for download
1) Standalone devices, no cascaded systems. Other response times can be found in the operating instructions.
Safety-related parameters
Type
Type 2 (IEC 61496-1)
Safety integrity level
SIL 1 (IEC 61508)
Category
Category 2 (EN ISO 13849)
Test rate (internal test)
58 /s
1) Between two requirements on a safety-related response of the device, at least 100 internal or external tests must be carried out.
2) The performance level does not include any specific requirements regarding aspects such as optical performance features. For more information, see page xx.
2
SAFETY LIGHT CURTAINS | SICK
Product data sheet | 2024-03-22 16:46:17
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com