Electronic Components Datasheet Search
  English  ▼

X  

AR60 Datasheet(PDF) 4 Page - SICK AG

Part # AR60
Description  SAFETY LIGHT CURTAINS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

AR60 Datasheet(HTML) 4 Page - SICK AG

  AR60 Datasheet HTML 1Page - SICK AG AR60 Datasheet HTML 2Page - SICK AG AR60 Datasheet HTML 3Page - SICK AG AR60 Datasheet HTML 4Page - SICK AG AR60 Datasheet HTML 5Page - SICK AG AR60 Datasheet HTML 6Page - SICK AG AR60 Datasheet HTML 7Page - SICK AG AR60 Datasheet HTML 8Page - SICK AG AR60 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
C2MT-01224BBC03BE0 | miniTwin
SAFETY LIGHT CURTAINS
Ambient data
Enclosure rating
IP65 (EN 60529)
Ambient operating temperature
–20 °C ... +55 °C
Storage temperature
–25 °C ... +70 °C
Air humidity
15 % ... 95 %, Non-condensing
Vibration resistance
5 g, 10 Hz ... 55 Hz (EN 60068-2-6)
Shock resistance
10 g, 16 ms (EN 60068-2-27)
Other information
Wave length
850 nm
Classifications
ECLASS 5.0
27272704
ECLASS 5.1.4
27272704
ECLASS 6.0
27272704
ECLASS 6.2
27272704
ECLASS 7.0
27272704
ECLASS 8.0
27272704
ECLASS 8.1
27272704
ECLASS 9.0
27272704
ECLASS 10.0
27272704
ECLASS 11.0
27272704
ECLASS 12.0
27272704
ETIM 5.0
EC002549
ETIM 6.0
EC002549
ETIM 7.0
EC002549
ETIM 8.0
EC002549
UNSPSC 16.0901
46171620
4
SAFETY LIGHT CURTAINS | SICK
Product data sheet | 2024-03-22 16:46:17
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com