Electronic Components Datasheet Search
  English  ▼

X  

AD627 Datasheet(PDF) 10 Page - Analog Devices

Part # AD627
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD627 Datasheet HTML 6Page - Analog Devices AD627 Datasheet HTML 7Page - Analog Devices AD627 Datasheet HTML 8Page - Analog Devices AD627 Datasheet HTML 9Page - Analog Devices AD627 Datasheet HTML 10Page - Analog Devices AD627 Datasheet HTML 11Page - Analog Devices AD627 Datasheet HTML 12Page - Analog Devices AD627 Datasheet HTML 13Page - Analog Devices AD627 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD627
Rev. D | Page 10 of 24
10
100
1s
500mV
Figure 11. 0.1 Hz to 10 Hz Current Noise (0.71 pA/DIV)
1s
10
100
1s
20mV
Figure 12. 0.1 Hz to 10 Hz RTI Voltage Noise (400 nV/DIV), G = +5
10
100
1s
2V
Figure 13. 0.1 Hz to 10 Hz RTI Voltage Noise (200 nV/DIV), G = +1000
G = +1000
G = +100
G = +5
20
FREQUENCY (Hz)
120
110
100
90
80
70
60
50
40
30
10
100
1k
10k
100k
Figure 14. Positive PSRR vs. Frequency, ±5 V
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
G = +1000
G = +100
G = +5
Figure 15. Negative PSRR vs. Frequency, ±5 V
FREQUENCY (Hz)
G = +1000
G = +100
G = +5
120
110
100
90
80
70
60
50
40
30
20
10
100
1k
10k
100k
Figure 16. Positive PSRR vs. Frequency (VS = 5 V, 0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com