Electronic Components Datasheet Search
  English  ▼

X  

AD627 Datasheet(PDF) 18 Page - Analog Devices

Part # AD627
Description  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD627 Datasheet HTML 14Page - Analog Devices AD627 Datasheet HTML 15Page - Analog Devices AD627 Datasheet HTML 16Page - Analog Devices AD627 Datasheet HTML 17Page - Analog Devices AD627 Datasheet HTML 18Page - Analog Devices AD627 Datasheet HTML 19Page - Analog Devices AD627 Datasheet HTML 20Page - Analog Devices AD627 Datasheet HTML 21Page - Analog Devices AD627 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD627
Rev. D | Page 18 of 24
MAKE vs. BUY: A TYPICAL APPLICATION ERROR
BUDGET
The example in Figure 41 serves as a good comparison between
the errors associated with an integrated and a discrete in-amp
implementation. A ±100 mV signal from a resistive bridge
(common-mode voltage = 2.5 V) is amplified. This example
compares the resulting errors from a discrete two-op-amp
instrumentation amplifier and the AD627. The discrete
implementation uses a four-resistor precision network
(1% match, 50 ppm/°C tracking).
The errors associated with each implementation (see Table 9)
show the integrated in-amp to be more precise at both ambient
and overtemperature. Note that the discrete implementation is
more expensive, primarily due to the relatively high cost of the
low drift precision resistor network.
The input offset current of the discrete instrumentation amplifier
implementation is the difference in the bias currents of the two-
op amplifiers, not the offset currents of the individual op amps.
In addition, although the values of the resistor network are chosen
so that the inverting and noninverting inputs of each op amp
see the same impedance (about 350 Ω), the offset current of
each op amp adds another error that must be characterized.
VOUT
VOUT
+2.5V
+2.5V
+5V
+5V
AD627A GAIN = 9.98 (5+(200kΩ/R G))
HOMEBREW IN-AMP, G = +10
*1% RESISTOR MATCH, 50ppm/°C TRACKING
RG
40.2kΩ
1%
+10ppm/°C
AD627A
+5V
350Ω
350Ω
350Ω
350Ω
3.15kΩ*
350Ω*
350Ω*3.15kΩ*
±100mV
1/2
LT10781SB
LT10781SB
1/2
Figure 41. Make vs. Buy
Table 9. Make vs. Buy Error Budget
Error Source
AD627 Circuit Calculation
Homebrew Circuit Calculation
Total Error
AD627
(ppm)
Total Error
Homebrew
(ppm)
ABSOLUTE ACCURACY at TA = 25°C
Total RTI Offset Voltage, mV
(250 μV + (1000 μV/10))/100 mV
(180 μV × 2)/100 mV
3,500
3,600
Input Offset Current, nA
1 nA × 350 Ω/100 mV
20 nA × 350 Ω/100 mV
3.5
70
Internal Offset Current
(Homebrew Only)
Not applicable
0.7 nA × 350 Ω/100 mV
2.45
CMRR, dB
77 dB
→141 ppm × 2.5 V/100 mV
(1% match × 2.5 V)/10/100 mV
3,531
25,000
Gain
0.35% + 0.1%
1% match
13,500
10,000
Total Absolute Error
20,535
38,672
DRIFT TO 85°C
Gain Drift, ppm/°C
(−75 + 10) ppm/°C × 60°C
50 ppm/°C × 60°C
3,900
3,000
Total RTI Offset Voltage, mV/°C
(3.0 μV/°C + (10 μV/°C/10)) ×
60°C/100 mV
(2 × 3.5 μV/°C × 60°C)/100 mV
2,600
4,200
Input Offset Current, pA/°C
(16 pA/°C × 350 Ω × 60°C)/100 mV
(33 pA/°C × 350 Ω × 60°C)/100 mV
3.5
7
Total Drift Error
6,504
7,207
Grand Total Error
27,039
45,879



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com