Electronic Components Datasheet Search
  English  ▼

X  

AD549 Datasheet(PDF) 4 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 4 Page - Analog Devices

  AD549 Datasheet HTML 1Page - Analog Devices AD549 Datasheet HTML 2Page - Analog Devices AD549 Datasheet HTML 3Page - Analog Devices AD549 Datasheet HTML 4Page - Analog Devices AD549 Datasheet HTML 5Page - Analog Devices AD549 Datasheet HTML 6Page - Analog Devices AD549 Datasheet HTML 7Page - Analog Devices AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD549
Rev. H | Page 4 of 20
AD549J
AD549K
AD549L
AD549S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
VOUT @ RL = 10 kΩ, TMIN to
TMAX
−12
+12
−12
+12
−12
+12
−12
+12
V
VOUT @ RL = 2 kΩ, TMIN to TMAX
−10
+10
−10
+10
−10
+10
−10
+10
V
Short-Circuit Current
15
20
35
15
20
35
15
20
35
15
20
35
mA
TMIN to TMAX
9
9
9
6
mA
Load Capacitance Stability,
G = +1
4000
4000
4000
4000
pF
FREQUENCY RESPONSE
Unity Gain, Small Signal
0.7
1.0
0.7
1.0
0.7
1.0
0.7
1.0
MHz
Full Power Response
50
50
50
50
kHz
Slew Rate
2
3
2
3
2
3
2
3
V/μs
Settling Time, 0.1%
4.5
4.5
4.5
4.5
μs
Settling Time, 0.01%
5
5
5
5
μs
Overload Recovery, 50%
Overdrive, G = −1
2
2
2
2
μs
POWER SUPPLY
Rated Performance
±15
±15
±15
±15
V
Operating
±5
±18
±5
±18
±5
±18
±5
±18
V
Quiescent Current
0.60
0.70
0.60
0.70
0.60
0.70
0.60
0.70
mA
TEMPERATURE RANGE
Operating, Rated
Performance
0
70
0
70
0
70
−55
+125
°C
Storage
−65
+150
−65
+150
−65
+150
−65
+150
°C
1 Bias current specifications are guaranteed after five minutes of operation at TA = 25°C. Bias current increases by a factor of 2.3 for every 10°C rise in temperature.
2 Input offset voltage specifications are guaranteed after five minutes of operation at TA = 25°C.
3 Defined as maximum continuous voltage between the inputs, such that neither input exceeds ±10 V from ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com