Electronic Components Datasheet Search
  English  ▼

X  

AD549 Datasheet(PDF) 9 Page - Analog Devices

Part # AD549
Description  Ultralow Input Bias Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD549 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD549 Datasheet HTML 5Page - Analog Devices AD549 Datasheet HTML 6Page - Analog Devices AD549 Datasheet HTML 7Page - Analog Devices AD549 Datasheet HTML 8Page - Analog Devices AD549 Datasheet HTML 9Page - Analog Devices AD549 Datasheet HTML 10Page - Analog Devices AD549 Datasheet HTML 11Page - Analog Devices AD549 Datasheet HTML 12Page - Analog Devices AD549 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD549
Rev. H | Page 9 of 20
2
3
5
7
4
AD549
RL
10kΩ
CL
100pF
0.1µF
0.1µF
VIN
–VS
+VS
VOUT
SQUARE
WAVE
INPUT
Figure 19. Unity-Gain Follower
5V
5µs
Figure 20. Unity-Gain Follower Large Signal Pulse Response
10mV
1µs
Figure 21. Unity-Gain Follower Small Signal Pulse Response
2
3
5
7
4
AD549
RL
10kΩ
CL
100pF
0.1µF
0.1µF
VIN
–VS
+VS
VOUT
SQUARE
WAVE
INPUT
10kΩ
10kΩ
Figure 22. Unity-Gain Inverter
5V
5µs
Figure 23. Unity-Gain Inverter Large Signal Pulse Response
10mV
1µs
Figure 24. Unity-Gain Inverter Small Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com