Electronic Components Datasheet Search
  English  ▼

X  

AD604ARZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD604ARZ
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD604ARZ Datasheet HTML 19Page - Analog Devices AD604ARZ Datasheet HTML 20Page - Analog Devices AD604ARZ Datasheet HTML 21Page - Analog Devices AD604ARZ Datasheet HTML 22Page - Analog Devices AD604ARZ Datasheet HTML 23Page - Analog Devices AD604ARZ Datasheet HTML 24Page - Analog Devices AD604ARZ Datasheet HTML 25Page - Analog Devices AD604ARZ Datasheet HTML 26Page - Analog Devices AD604ARZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD604
Rev. D | Page 23 of 32
13
16
15
14
19
18
17
24
23
22
21
20
12
11
10
9
8
1
2
3
4
7
6
5
AD604
+5V
–5V
IN1
VREF
OUT1
VOCM
VG1
VG2
OUT2
NOTE 2
NOTE 3
NOTE 3
IN2
PAO2
PAO1
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
OPTIONAL
R3
RGN
C6
0.1µF
C5
0.1µF
C3
0.1µF
C1
0.1µF
R2
RGN
C4
0.1µF
C2
5pF
R1
500Ω
C12
0.1µF
C11
0.1µF
C10
0.1µF
C9
0.1µF
C8
5pF
R4
500Ω
0.1µF
C7
0.1µF
NOTES
1. PAO1 AND PAO2 ARE USED TO MEASURE PREAMPS.
2. RGN = 0 NOMINALLY; PREAMP GAIN = 5, RGN = OPEN; PREAMP GAIN = 10.
3. WHEN MEASURING BW WITH 50Ω SPECTRUM ANALYZER, USE 450Ω IN SERIES.
Figure 53. Basic Test Board
PAI
OUT
R
A
HP3577B
450Ω
50Ω
49.9Ω
HP11636B
POWER
SPLITTER
0.1µF
AD604
DUT
Figure 54. Setup for Gain Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com