Electronic Components Datasheet Search
  English  ▼

X  

AD604ARZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD604ARZ
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD604ARZ Datasheet HTML 24Page - Analog Devices AD604ARZ Datasheet HTML 25Page - Analog Devices AD604ARZ Datasheet HTML 26Page - Analog Devices AD604ARZ Datasheet HTML 27Page - Analog Devices AD604ARZ Datasheet HTML 28Page - Analog Devices AD604ARZ Datasheet HTML 29Page - Analog Devices AD604ARZ Datasheet HTML 30Page - Analog Devices AD604ARZ Datasheet HTML 31Page - Analog Devices AD604ARZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD604
Rev. D | Page 29 of 32
COMPLIANT TO JEDEC STANDARDS MO-150-AG
24
13
12
1
8.50
8.20
7.90
8.20
7.80
7.40
5.60
5.30
5.00
SEATING
PLANE
0.05 MIN
0.65 BSC
2.00 MAX
0.38
0.22
COPLANARITY
0.10
1.85
1.75
1.65
0.25
0.09
0.95
0.75
0.55
8°
4°
0°
Figure 64. 24-Lead Shrink Small Outline Package [SSOP]
(RS-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD604AN
−40°C to +85°C
24-Lead Plastic Dual In-Line Package [PDIP]
N-24-1
AD604ANZ1
−40°C to +85°C
24-Lead Plastic Dual In-Line Package [PDIP]
N-24-1
AD604AR
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD604AR-REEL
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD604ARZ1
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD604ARZ-RL1
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD604ARS
−40°C to +85°C
24-Lead Shrink Small Outline Package [SSOP]
RS-24
AD604ARS-REEL
−40°C to +85°C
24-Lead Shrink Small Outline Package [SSOP]
RS-24
AD604ARS-REEL7
−40°C to +85°C
24-Lead Shrink Small Outline Package [SSOP]
RS-24
AD604ARSZ1
−40°C to +85°C
24-Lead Shrink Small Outline Package [SSOP]
RS-24
AD604ARSZ-RL1
−40°C to +85°C
24-Lead Shrink Small Outline Package [SSOP]
RS-24
AD604ARSZ-R71
−40°C to +85°C
24-Lead Shrink Small Outline Package [SSOP]
RS-24
AD604-EVAL
Evaluation Board
AD604-EVALZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com