Electronic Components Datasheet Search
  English  ▼

X  

AD824 Datasheet(PDF) 8 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD824 Datasheet HTML 4Page - Analog Devices AD824 Datasheet HTML 5Page - Analog Devices AD824 Datasheet HTML 6Page - Analog Devices AD824 Datasheet HTML 7Page - Analog Devices AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices AD824 Datasheet HTML 10Page - Analog Devices AD824 Datasheet HTML 11Page - Analog Devices AD824 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. C
AD824
–8–
OFFSET VOLTAGE DRIFT
14
0
–2.5
2.5
–2.0 –1.5 –1.0 –0.5
0
0.5
1.0
1.5
2.0
12
10
8
6
4
2
COUNT = 60
TPC 13. TC VOS Distribution, –55
∞C to +125∞C, VS = 5, 0
TEMPERATURE – C
150
–25
–60
140
–40
–20
0
20
40
60
80
100
120
125
100
75
50
25
0
VS = 5, 0
TPC 14. Input Offset Current vs. Temperature
TEMPERATURE – C
100k
20
140
40
60
80
100
120
10k
1k
100
10
1
VS = 5, 0
TPC 15. Input Bias Current vs. Temperature
3V
VS
15V
5
10
15
20
FREQUENCY – kHz
60
40
20
TPC 10. Voltage Noise Density
0.010
0.001
0.0001
20
100
1k
10k
20k
FREQUENCY – Hz
0.1
RL = 0
AV = +1
VS = +3
VS = +5
VS = 15
TPC 11. Total Harmonic Distortion
OFFSET VOLTAGE – mV
280
0
–0.5
0.5
–0.4 –0.3 –0.2 –0.1
0
0.1
0.2
0.3
0.4
240
200
160
120
80
40
COUNT = 860
TPC 12. Input Offset Distribution, VS = 5, 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com