Electronic Components Datasheet Search
  English  ▼

X  

AD824 Datasheet(PDF) 3 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 3 Page - Analog Devices

  AD824 Datasheet HTML 1Page - Analog Devices AD824 Datasheet HTML 2Page - Analog Devices AD824 Datasheet HTML 3Page - Analog Devices AD824 Datasheet HTML 4Page - Analog Devices AD824 Datasheet HTML 5Page - Analog Devices AD824 Datasheet HTML 6Page - Analog Devices AD824 Datasheet HTML 7Page - Analog Devices AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. C
–3–
AD824
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
AD824A
VOS
0.5
2.5
mV
TMIN to TMAX
0.6
4.0
mV
Input Bias Current
IB
VCM = 0 V
4
35
pA
TMIN to TMAX
500
4000
pA
IB
VCM = –10 V
25
pA
Input Offset Current
IOS
320
pA
TMIN to TMAX
500
pA
Input Voltage Range
–15
13
V
Common-Mode Rejection Ratio
CMRR
VCM = –15 V to 13 V
70
80
dB
TMIN to TMAX
66
dB
Input Impedance
10
13 3.3
W pF
Large Signal Voltage Gain
AVO
Vo = –10 V to +10 V;
RL = 2 k
W
12
50
V/mV
RL = 10 k
W
50
200
V/mV
RL = 100 k
W
300
2000
V/mV
TMIN to TMAX, RL = 100 k
W
200
1000
V/mV
Offset Voltage Drift
DVOS/DT2
mV/∞C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ISOURCE = 20
mA
14.975
14.988
V
TMIN to TMAX
14.970
14.985
V
ISOURCE = 2.5 mA
14.80
14.85
V
TMIN to TMAX
14.75
14.82
V
Output Voltage Low
VOL
ISINK = 20
mA
–14.985
–14.975
V
TMIN to TMAX
–14.98
–14.97
V
ISINK = 2.5 mA
–14.88
–14.85
V
TMIN to TMAX
–14.86
–14.8
V
Short Circuit Limit
ISC
Sink/Source, TMIN to TMAX
±8
±20
mA
Open-Loop Impedance
ZOUT
f = 1 MHz, AV = 1
100
W
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 15 V
70
80
dB
TMIN to TMAX
68
dB
Supply Current/Amplifier
ISY
VO = 0 V
560
625
mA
TMIN to TMAX
675
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
W, AV = 1
2
V/
ms
Full-Power Bandwidth
BWP
1% Distortion, VO = 20 V p-p
33
kHz
Settling Time
tS
VOUT = 0 V to 10 V, to 0.01%
6
ms
Gain Bandwidth Product
GBP
2
MHz
Phase Margin
fo50
Degrees
Channel Separation
CS
f = 1 kHz, RL =2 k
W
–123
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
mV p-p
Voltage Noise Density
en
f = 1 kHz
16
nV/
÷Hz
Current Noise Density
in
f = 1 kHz
1.1
fA/
÷Hz
Total Harmonic Distortion
THD
f =10 kHz, VO = 3 V rms,
RL = 10 k
W
0.005
%
(@ VS =
15.0 V, VOUT = 0 V, TA = 25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com