Electronic Components Datasheet Search
  English  ▼

X  

L6219DSA Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6219DSA
Description  STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219DSA Datasheet(HTML) 1 Page - STMicroelectronics

  L6219DSA Datasheet HTML 1Page - STMicroelectronics L6219DSA Datasheet HTML 2Page - STMicroelectronics L6219DSA Datasheet HTML 3Page - STMicroelectronics L6219DSA Datasheet HTML 4Page - STMicroelectronics L6219DSA Datasheet HTML 5Page - STMicroelectronics L6219DSA Datasheet HTML 6Page - STMicroelectronics L6219DSA Datasheet HTML 7Page - STMicroelectronics L6219DSA Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L6219DSA
STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
ABLE TO DRIVE BOTH WINDINGS OF BIPO-
LAR STEPPER MOTOR
OUTPUT CURRENT UP TO 750mA EACH
WINDING
WIDE VOLTAGE RANGE 10V TO 46V
HALF-STEP, FULL-STEP AND MICROSTEPP-
ING MODE
BUILT-IN PROTECTION DIODES
INTERNAL PWM CURRENT CONTROL
LOW OUTPUT SATURATION VOLTAGE
DESIGNED FOR UNSTABILIZED MOTOR
SUPPLY VOLTAGE
INTERNAL THERMAL SHUTDOWN
DESCRIPTION
The L6219DSA is a bipolar monolithic integrated
circuits intended to control and drive both winding
of a bipolar stepper motor or bidirectionally con-
trol two DC motors.
The L6219DSA with a few external components
form a complete control and drive circuit for LS-
TTL or microprocessor controlled stepper motor
system.
The power stage is a dual full bridge capable of
sustaining 46V and including four diodes for cur-
rent recirculation.
A cross conduction protection is provided to avoid
simultaneous cross conduction during switching
current direction.
An internal pulse-width-modulation (PWM) con-
trols the output current to 750mA with peak start-
up current up to 1A.
Wide range of current control from 750mA (each
bridge) is permitted by means of two logic inputs
and an external voltage reference. A phase input
to each bridge determines the load current direc-
tion.
A thermal protection circuitry disables the outputs
if the chip temperature exceeds safe operating
limits.
November 1998
®
SO20+2+2
ORDERING NUMBER: L6219DSA
BLOCK DIAGRAM
1/8


Similar Part No. - L6219DSA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
188Kb / 15P
Stepper motor driver for automotive range
29-Apr-2008
L6219DSA STMICROELECTRONICS-L6219DSA_08 Datasheet
188Kb / 15P
Stepper motor driver for automotive range
29-Apr-2008
More results

Similar Description - L6219DSA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219DSA STMICROELECTRONICS-L6219DSA_08 Datasheet
188Kb / 15P
Stepper motor driver for automotive range
29-Apr-2008
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
logo
TRINAMIC Motion Control...
TMC2041 TRINAMIC-TMC2041 Datasheet
2Mb / 65P
POWER DRIVER FOR STEPPER MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com