Electronic Components Datasheet Search
  English  ▼

X  

L6219DSA Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6219DSA
Description  STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219DSA Datasheet(HTML) 4 Page - STMicroelectronics

  L6219DSA Datasheet HTML 1Page - STMicroelectronics L6219DSA Datasheet HTML 2Page - STMicroelectronics L6219DSA Datasheet HTML 3Page - STMicroelectronics L6219DSA Datasheet HTML 4Page - STMicroelectronics L6219DSA Datasheet HTML 5Page - STMicroelectronics L6219DSA Datasheet HTML 6Page - STMicroelectronics L6219DSA Datasheet HTML 7Page - STMicroelectronics L6219DSA Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FUNCTIONAL DESCRIPTION
The circuit is intended to drive both windings of a
bipolar stepper motor.
The peak current control is generated through
switch mode regulation.
There is a choice of three different current levels
with the two logic inputs I01 -I11 for winding 1 and
I02 -I12 for winding 2.
The current can also be switched off completely
Input Logic (I0 and I1)
The current level in the motor winding is selected
with these inputs. (See fig. 2)
If any of the logic inputs is left open, the circuit will
treat it has a high level input.
Io
I1
Current Level
H
L
H
L
H
H
L
L
No Current
Low Current 1/3 Io max
Medium Current 2/3 Io max
Maximum Current Io max
Phase
This input determines the direction of current flow
in the windings, depending on the motor connec-
tions. The signal is fed through a Schmidt-trigger
for noise immunity, and through a time delay in
order to guarantee that no short-circuit occurs in
the output stage during phase-shift.
High level on the PHASE input causes the motor
current flow from Out A through the winding to
Out B
Current Sensor
This part contains a current sensing resistor (RS),
a low pass filter (RC,CC) and three comparators.
Only one comparator is active at a time. It is acti-
vated by the input logic according to the current
level chosen with signals Io and I1.
The motor current flows through the sensing re-
sistor RS.
When the current has increased so that the volt-
age across RS becomes higher than the refer-
ence voltage on the other comparator input, the
comparator goes high, which triggers the pulse
generator.
The max peak current Imax can be defined by:
Imax
=
Vref
10 Rs
Figure 1
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PROTECTION
TJ
Thermal Shutdown Temperature
-
170
-
°C
L6219DSA
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com