Electronic Components Datasheet Search
  English  ▼

X  

FDMS2572 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDMS2572
Description  N-Channel UltraFET Trench® MOSFET 150V, 27A, 47mΩ
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS2572 Datasheet(HTML) 4 Page - ON Semiconductor

  FDMS2572 Datasheet HTML 1Page - ON Semiconductor FDMS2572 Datasheet HTML 2Page - ON Semiconductor FDMS2572 Datasheet HTML 3Page - ON Semiconductor FDMS2572 Datasheet HTML 4Page - ON Semiconductor FDMS2572 Datasheet HTML 5Page - ON Semiconductor FDMS2572 Datasheet HTML 6Page - ON Semiconductor FDMS2572 Datasheet HTML 7Page - ON Semiconductor FDMS2572 Datasheet HTML 8Page - ON Semiconductor FDMS2572 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDMS2572 Rev.C4
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
01
2
3
45
0
5
10
15
20
25
30
35
40
VGS = 4.5V
VGS = 6V
VGS = 5.5V
VGS = 5V
PULSE DURATION = 300μs
DUTY CYCLE = 2.0%MAX
VGS = 10V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure2.
0
8
16
24
32
40
0.8
1.0
1.2
1.4
1.6
1.8
VGS =5V
VGS =4.5V
VGS =5.5V
VGS = 6V
PULSE DURATION = 300μs
DUTY CYCLE = 2.0%MAX
ID, DRAIN CURRENT(A)
VGS = 10V
NormalizedOn-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On - Resistance
-75
-50
-25
0
25
50
75
100 125 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
ID = 4.5A
VGS = 10V
TJ, JUNCTION TEMPERATURE (oC)
vs Junction Temperature
Figure 4.
3456
789
10
30
40
50
60
70
80
90
100
110
PULSE DURATION =300μs
DUTY CYCLE = 2.0%MAX
TJ = 150oC
TJ = 25oC
ID = 4.5A
VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
12
3
4
56
0
10
20
30
40
50
60
TJ =-55oC
TJ = 25oC
TJ = 125oC
PULSE DURATION = 300μs
DUTY CYCLE = 2.0%MAX
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-4
1E-3
0.01
0.1
1
10
60
TJ = -55oC
TJ = 25oC
TJ = 125oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com