Electronic Components Datasheet Search
  English  ▼

X  

FDMS2572 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDMS2572
Description  N-Channel UltraFET Trench® MOSFET 150V, 27A, 47mΩ
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS2572 Datasheet(HTML) 1 Page - ON Semiconductor

  FDMS2572 Datasheet HTML 1Page - ON Semiconductor FDMS2572 Datasheet HTML 2Page - ON Semiconductor FDMS2572 Datasheet HTML 3Page - ON Semiconductor FDMS2572 Datasheet HTML 4Page - ON Semiconductor FDMS2572 Datasheet HTML 5Page - ON Semiconductor FDMS2572 Datasheet HTML 6Page - ON Semiconductor FDMS2572 Datasheet HTML 7Page - ON Semiconductor FDMS2572 Datasheet HTML 8Page - ON Semiconductor FDMS2572 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
To learn more about ON Semiconductor, please visit our website at
www.onsemi.com
Is Now Part of
ON Semiconductor and the ON Semiconductor logo are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries. ON Semiconductor owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. ON Semiconductor reserves the right
to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. Buyer is responsible for its products and applications using ON
Semiconductor products, including compliance with all laws, regulations and safety requirements or standards, regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON
Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s
technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any FDA
Class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended
or unauthorized application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out
of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor
is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Similar Part No. - FDMS2572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
N-Channel UltraFET Trench MOSFET
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
513Kb / 7P
N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
logo
TECH PUBLIC Electronics...
FDMS2572-TP TECHPUBLIC-FDMS2572-TP Datasheet
3Mb / 5P
N-Channel Enhancement MOSFET
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
More results

Similar Description - FDMS2572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS2572 FAIRCHILD-FDS2572 Datasheet
273Kb / 12P
150V, 0.047 Ohms, 4.9A, N-Channel UltraFET Trench MOSFET
HUF75842P3 FAIRCHILD-HUF75842P3 Datasheet
197Kb / 10P
43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
N-Channel UltraFET Trench MOSFET
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
N-Channel UltraFET Trench MOSFET
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
N-Channel UltraFET Trench MOSFET
logo
Fairchild Semiconductor
FDB390N15A FAIRCHILD-FDB390N15A Datasheet
616Kb / 9P
N-Channel PowerTrench짰 MOSFET 150V, 27A, 39m
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
N-Channel UltraFET Trench MOSFET
logo
ON Semiconductor
FDP2710-F085 ONSEMI-FDP2710-F085 Datasheet
520Kb / 8P
Channel PowerTrench® MOSFET 250V, 50A, 47mΩ
September-2017, Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com