Electronic Components Datasheet Search
  English  ▼

X  

522N Datasheet(PDF) 1 Page - Weller Tools

Part # 522N
Description  Side cutter – oval, robust head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

522N Datasheet(HTML) 1 Page - Weller Tools

  522N Datasheet HTML 1Page - Weller Tools 522N Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROFESSIONAL
Product Information
599E
Product no.: 599E
Side cutter – oval, robust head
source images
This is the most widely used head shape, robust.
Fits for all cutting applications where easy access is
given
It is robust and size for size offers the highest cutting
capacity.
The Perfect Cut - Strong, sharp and precise, every time
The Weller Erem Series 500 Micro is a full range of medium sized, robust, precision cutters with a wide range of head shapes. The cutters are manufactured from high grade tool
steel. The cutting edges are hardened to Rockwell 63-65 HRC. The precision cutters have a nonreflecting surface, are ESD safe and resharpable.
Swiss
Made
PRECISION
TOOLS


Similar Part No. - 522N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
522 LITTELFUSE-522 Datasheet
99Kb / 1P
MINIATURE FUSEHOLDERS
logo
List of Unclassifed Man...
522 ETC2-522 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
France Joint
522 FRANCEJOINT-522 Datasheet
739Kb / 4P
PISTON SEALS
logo
Legrand North America, ...
522 18 LEGRAND-522 18 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
522 19 LEGRAND-522 19 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
More results

Similar Description - 522N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
776E ETC2-776E Datasheet
45Kb / 1P
Erem 4 1/4 Diagonal Tapered Relieved Head Cutter Super Full Flush Cut, Magic
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
logo
PHOENIX CONTACT
MICROFOX-SP PHOENIX-MICROFOX-SP Datasheet
49Kb / 2P
Electronic diagonal cutter, tapered head, angled (21째), without chamfer, with opening spring
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212793 PHOENIX-1212793 Datasheet
43Kb / 2P
Front cutter - MICROFOX-E_DB
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
ATS-638170100 MOLEX-ATS-638170100 Datasheet
188Kb / 2P
Ribbon Cable Cutter Tool
08-24-09
ATS-638170200 MOLEX-ATS-638170200 Datasheet
171Kb / 2P
Cable Cutter Tool
09-23-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com