Electronic Components Datasheet Search
  English  ▼

X  

522N Datasheet(PDF) 2 Page - Weller Tools

Part # 522N
Description  Side cutter – oval, robust head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

522N Datasheet(HTML) 2 Page - Weller Tools

  522N Datasheet HTML 1Page - Weller Tools 522N Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROFESSIONAL
Product Information
Technical Data
Length mm
115
Length of cutting edges mm
12
Head width mm
11
Head thickness mm
6
Head length mm
19
Max. cutting capability – hard
wire mm
---
Weight in oz
2.325
Length of cutting edges Inches
0.472
Head width Inches
0.433
Head thickness Inches
0.236
Head length Inches
0.748
ESD-safe
on
Cut
Flush
Max. cutting capability –
medium hardness mm
Ø 1,0
Max. cutting capability –
copper wire mm
Ø 1,6
Length inches
4.528
Weight in g
65.9
Erem applications
Microelectronic
Weller Tools GmbH
Carl-Benz-Straße 2
74354 Besigheim
Germany
Phone: +49 (0) 7143 / 580-0
Fax.:
+49 (0) 7143 / 580-108
Email: info@weller-tools.com
Web:
www.weller-tools.com
CONTACT US



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com