Electronic Components Datasheet Search
  English  ▼

X  

486 Datasheet(PDF) 1 Page - TEKTRONIX, INC

Part # 486
Description  Picoammeter/Voltage Source
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

486 Datasheet(HTML) 1 Page - TEKTRONIX, INC

  486 Datasheet HTML 1Page - TEKTRONIX, INC 486 Datasheet HTML 2Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.keithley.com
1.888.KEITHLEY (U.S. only)
A
GREA TER
MEASURE
OF
CONFIDENCE
486
Picoammeter
487
Picoammeter/Voltage Source
486:
• 10fA sensitivity
• 180 readings per second
• IEEE-488 interface
487:
• Resistivity measurements
(<1
Ω to >1016Ω)
• ± 500V source
• 10fA sensitivity
• 180 readings per second
• IEEE-488 interface
486 Picoammeter
The Model 486 is a 51⁄2-digit autoranging picoammeter designed for low current applications where fast
reading rates must be made. It offers a speed of 180 readings per second.
The 486 is ideal for low-level DC current applications, such as:
• PMT current measurements
• mass spectrometer current measurements
• probe current measurements in electrochemistry
•plasma generated currents
• ion chamber currents
Operation is fast and convenient. Selectable analog and digital filters provide optimum wide-band per-
formance with minimum noise. Autoranging selects the most appropriate range within 100ms. The meas-
urement buffer holds up to 512 readings for fast data acquisition. Any reading within the buffer may be
displayed, or the entire buffer may be searched for the maximum and minimum values.
Other important features include REL, which allows measurements to be made relative to a selectable
baseline. ZERO CHECK and CORRECT functions correct for voltage offset errors using front panel or soft-
ware commands.
The IEEE-488 interface provides simple integration and convenient user interaction. Digital calibration can
be accomplished over the bus or completely from the front panel. The display features three selectable
intensities (bright, dim, and off) for use in light-sensitive environments.
487 Picoammeter/Voltage Source
The Model 487 is designed for measurement of low currents and very high resistances. This instrument
incorporates all the capabilities of the 486, and adds a programmable ±500V source. This combination of
picoammeter and voltage source provides a powerful high resistance meter and fast picoammeter in one
instrument.
The 487 makes current measurements from 10fA to 2mA. Two voltage source ranges are available: a 500V
range with 10mV resolution and a 50V range with 1mV resolution. A PRESET button allows the user to
toggle between two separate source values.
The 487 sources up to 500V, measures the current with 10fA sensitivity, and then instantly calculates the
resistance value, from 500m
Ω to 5 × 1016Ω. The unit displays either current or resistance. Reading inter-
vals from 10ms to 1000s can be programmed, simplifying tests that require a predetermined “soak” time.
Two displays, one for current readings and one for voltage sourcing, permit the voltage setting and the
measured current to be viewed throughout the measurement.
The Model 487 and the 6517A are the most effective test instruments for performing such tasks as resis-
tivity, I-V measurements, component leakage, and insulation resistance. A common test procedure, writ-
ten by the American Society of Testing and Materials, D257: D-C RESISTANCE OR CONDUCTANCE OF
INSULATING MATERIALS, is easily performed with the 487 or the 6517A.
Ordering Information
486
Picoammeter
487
Picoammeter/Voltage
Source
These products are available
with an Extended Warranty.
Accessories Supplied
237-ALG-2 Low Noise Triax
Cable, 3-Slot Triax to Alligator
Clips, 2m (6.6 ft)
Model 487 also comes with 236-
ILC-3 Interlock Cable, 3m (10 ft)


Similar Part No. - 486

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
486 ETC2-486 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
France Joint
486 FRANCEJOINT-486 Datasheet
366Kb / 4P
WIPER SEALS
logo
Schurter Inc.
486-1061 SCHURTER-486-1061 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
486-1163 SCHURTER-486-1163 Datasheet
391Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot Knob, horizontal
486-1164 SCHURTER-486-1164 Datasheet
2Mb / 58P
FUSEHOLDERS / SICHERUNGSHALTER
More results

Similar Description - 486

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5265 NJSEMI-2N5265 Datasheet
157Kb / 1P
DRAIN-SOURCE VOLTAGE
BUZ80A NJSEMI-BUZ80A Datasheet
88Kb / 3P
Drain source voltage
ZVN0106A NJSEMI-ZVN0106A Datasheet
85Kb / 1P
Drain-source voltage
logo
PHOENIX CONTACT
2902823 PHOENIX-2902823 Datasheet
218Kb / 9P
Constant voltage source
logo
Directed Energy, Inc.
PVX-4000-2KV DEI-PVX-4000-2KV Datasheet
731Kb / 3P
Pulsed Voltage Source
PVX-4000-2KV-EX DEI-PVX-4000-2KV-EX Datasheet
731Kb / 3P
Pulsed Voltage Source
logo
TEKTRONIX, INC.
2502 TEKTRONIX-2502 Datasheet
272Kb / 3P
Dual-Channel Picoammeter
6482 TEKTRONIX-6482 Datasheet
232Kb / 3P
Dual-Channel Picoammeter/ Voltage Source
6485 TEKTRONIX-6485 Datasheet
236Kb / 3P
Picoammeter
6487 TEKTRONIX-6487 Datasheet
282Kb / 4P
Picoammeter/ Voltage Source
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com