Electronic Components Datasheet Search
  English  ▼

X  

486 Datasheet(PDF) 2 Page - TEKTRONIX, INC

Part # 486
Description  Picoammeter/Voltage Source
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

486 Datasheet(HTML) 2 Page - TEKTRONIX, INC

  486 Datasheet HTML 1Page - TEKTRONIX, INC 486 Datasheet HTML 2Page - TEKTRONIX, INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.keithley.com
1.888.KEITHLEY (U.S. only)
A
GREA TER
MEASURE
OF
CONFIDENCE
486
Picoammeter
487
Picoammeter/Voltage Source
AMMETER
ANALOG OUTPUT
ACCURACY (1 Year)*
Rise Time (10%–90%)
18°–28°C
Analog Filter
RANGE
RESOLUTION
±(%rdg+offset)
OFF
ON
2nA
10 fA
0.3 + 500 fA
12 ms
70 ms
20
nA
100 fA
0.2 +
3 pA
4 ms
17 ms
200
nA
1 pA
0.15 + 20 pA
800 µs
4 ms
2µA10pA
0.15 + 200 pA
380 µs
2 ms
20 µA
100 pA
0.1 +
2 nA
160 µs
370 µs
200 µA
1 nA
0.1 + 20 nA
160 µs
370 µs
2mA
10 nA
0.1 + 200 nA
160 µs
370 µs
* When properly zeroed.
MAXIMUM OVERLOAD: 350V peak on nA ranges and 2µA range; 50V peak on 20µA, 200µA, and 2mA ranges.
Higher voltage sources must be current limited at 3mA.
INPUT VOLTAGE BURDEN: <200µV (18°–28°C) for inputs <100µA; <2mV for inputs
≥ 100µA; 20µV/°C tempera-
ture coefficient.
TEMPERATURE COEFFICIENT (0°–18°C & 28°–50°C): ±(0.15
× applicable accuracy specification)/ °C.
NMRR: >60dB at 50Hz (LINE 50Hz integration) or 60Hz (LINE 60Hz integration).
ANALOG OUTPUT:
Range: ±2V for full range input (non-inverting).
Accuracy: ±(2.5% + 3mV); resistive loads >2k
Ω; 18°–28°C.
Impedance: <100
Ω, DC–2kHz.
RANGING: Automatic or manual.
AUTORANGING TIME: <200ms to final range (analog filter OFF).
MAXIMUM READING RATES (readings/second):
EXTERNAL
TRIGGERED
VIA
INTEGRATION
CONTINUOUS INTO
INTO
IEEE-488
SETTING
RESOLUTION
DATA STORE
DATA STORE
BUS**
FAST
41⁄2-Digit
100
180
16
LINE 60Hz
51⁄2-Digit
40
44
14
LINE 50Hz
51⁄2-Digit
33
38
12
** One-shot on TALK, G7 data format.
VOLTAGE SOURCE (487 only):
ACCURACY
TEMPERATURE
RANGE
STEP
(1 Year)
NOISE
COEFFICIENT
(maximum
SIZE
18°–28°C
(p-p)***
0°–18°C &
value)
(typical)
±(%setting+offset)
0.1–10Hz
28°–50°C
±505.00 V
10 mV
0.15 + 40 mV
<1.5 mV
80 ppm +
2 mV/°C
±50.500 V
1 mV
0.1 + 4 mV
<150 µV
50 ppm + 200µV/°C
*** With LO terminal connected to chassis.
SELECTABLE CURRENT LIMIT: 2.5mA ±0.5mA or 25µA ±5µA.
WIDEBAND NOISE: <30mV p-p 0.1Hz to 20MHz.
TIME STABILITY: ±(0.003% + 1mV) over 24 hours at constant temperature.
OUTPUT RESISTANCE: <2.5
Ω.
V/I OHMS (487 only)
Used with voltage source; resistance calculated from voltage setting and measured current. V/I OHMS accuracy
equals voltage source accuracy plus ammeter accuracy. Typical accuracy better than 0.6% for readings between 1k
Ω
and 1T
Ω.
IEEE-488 BUS IMPLEMENTATION
PROGRAMMABLE PARAMETERS: All parameters programmable except for
IEEE-488 bus address and frequency for line integration.
TRIGGER TO FIRST BYTE: <50ms (trigger on TALK, ATN false to talker DAV
true, G7 data format).
GENERAL
DATA STORE and MIN/MAX: Stores up to 512 readings and identifies minimum
and maximum reading.
PROGRAMMABLE READING INTERVAL: 10ms to 999.999s in 1ms increments.
TRIGGER: One-shot or continuous from front panel, IEEE-488 bus, and rear
panel BNC.
PROGRAMMABLE TRIGGER DELAY: 1ms to 999.999s in 1ms increments.
DISPLAY: One ten character plus one eight character alphanumeric LED displays
with normal/dim/off intensity control.
MAXIMUM VOLTAGE BETWEEN VOLTAGE SOURCE AND CURRENT METER:
500V DC.
MAXIMUM VOLTAGE BETWEEN CHASSIS AND VOLTAGE SOURCE OR CUR-
RENT METER: 500V DC.
REAR PANEL CONNECTORS:
Input Connector: 3-lug triax.
Analog Output: 5-way binding post.
External Trigger and Meter Complete: BNC connectors.
IEEE-488 Connector: Chassis grounded.
Voltage Source Output (487 only): 5-way binding post.
Interlock Connector (487 only): 3-pin miniature DIN.
EMC: Conforms to European Union Directive 89/336/EEC.
SAFETY: Conforms to European Union Directive 73/23/EEC (meets EN61010-
1/IEC 1010).
ENVIRONMENT: Operating: 0°–50°C, <70% RH up to 35°C; linearly derate 3%
RH/°C, up to 50°C. Storage: –25° to 60°C.
WARM-UP: 2 hours to rated accuracy.
POWER: 105–125V AC or 210–250V AC (external switch selectable), 90–110V
and 180–220V AC version available. 50Hz or 60Hz, 45VA maximum.
DIMENSIONS: 90mm high
× 213mm wide × 397mm deep (31⁄2 in × 83⁄8 in ×
155⁄8 in).
ACCESSORIES AVAILABLE
CABLES
236-ILC-3
Safety Interlock Cable
237-ALG-2
Low Noise Cable
7078-TRX-3 3-Slot Male Triax to 3-Slot Male Triax Cable, 0.9m (3 ft)
ADAPTERS
6171
3-Slot Male Triax to 2-Lug Female Triax
6172
2-Slot Male Triax to 3-Lug Female Triax
7078-TRX-BNC
3-Slot Male Triax to BNC Adapter
TEST FIXTURE
8008
Resistivity Chamber
RACK MOUNTS
4288-1
Single Fixed Rack Mount Kit
4288-2
Dual Fixed Rack Mount Kit
4288-4
Dual Fixed Rack Mount Kit
486 Rear Panel
487 Rear Panel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com