Electronic Components Datasheet Search
  English  ▼

X  

AD815 Datasheet(PDF) 12 Page - Analog Devices

Part # AD815
Description  High Output Current Differential Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD815 Datasheet HTML 8Page - Analog Devices AD815 Datasheet HTML 9Page - Analog Devices AD815 Datasheet HTML 10Page - Analog Devices AD815 Datasheet HTML 11Page - Analog Devices AD815 Datasheet HTML 12Page - Analog Devices AD815 Datasheet HTML 13Page - Analog Devices AD815 Datasheet HTML 14Page - Analog Devices AD815 Datasheet HTML 15Page - Analog Devices AD815 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD815
REV. C
–12–
Other Power Considerations
There are additional power considerations applicable to the
AD815. First, as with many current feedback amplifiers, there is an
increase in supply current when delivering a large peak-to-peak
voltage to a resistive load at high frequencies. This behavior is
affected by the load present at the amplifier’s output. Figure 15
summarizes the full power response capabilities of the AD815.
These curves apply to the differential driver applications (e.g.,
Figure 51 or Figure 55). In Figure 15, maximum continuous
peak-to-peak output voltage is plotted vs. frequency for various
resistive loads. Exceeding this value on a continuous basis can
damage the AD815.
The AD815 is equipped with a thermal shutdown circuit. This
circuit ensures that the temperature of the AD815 die remains
below a safe level. In normal operation, the circuit shuts down
the AD815 at approximately 180
°C and allows the circuit to
turn back on at approximately 140
°C. This built-in hysteresis
means that a sustained thermal overload will cycle between
power-on and power-off conditions. The thermal cycling
typically occurs at a rate of 1 ms to several seconds, depending
on the power dissipation and the thermal time constants of the
package and heat sinking. Figures 48 and 49 illustrate the
thermal shutdown operation after driving OUT1 to the + rail,
and OUT2 to the – rail, and then short-circuiting to ground
each output of the AD815. The AD815 will not be damaged by
momentary operation in this state, but the overload condition
should be removed.
10
0%
100
90
OUT 1
200 s
5V
OUT 2
Figure 48. OUT2 Shorted to Ground, Square Wave Is
OUT1, RF = 1 k
Ω, RG = 222 Ω
10
0%
100
90
OUT 1
5ms
5V
OUT 2
Figure 49. OUT1 Shorted to Ground, Square Wave Is
OUT2, RF = 1 k
Ω, RG = 222 Ω
Parallel Operation
To increase the drive current to a load, both of the amplifiers
within the AD815 can be connected in parallel. Each ampli-
fier should be set for the same gain and driven with the same
signal. In order to ensure that the two amplifiers share current,
a small resistor should be placed in series with each output.
See Figure 50. This circuit can deliver 800 mA into loads of
up to 12.5
Ω.
6
4
5
8
+15V
499
499
1
10
7
–15V
499
499
1
RL
9
11
50
0.1 F
10 F
0.1 F
10 F
1/2
AD815
1/2
AD815
100
100
Figure 50. Parallel Operation for High Current Output
Differential Operation
Various circuit configurations can be used for differential
operation of the AD815. If a differential drive signal is avail-
able, the two halves can be used in a classic instrumentation
configuration to provide a circuit with differential input and
output. The circuit in Figure 51 is an illustration of this. With
the resistors shown, the gain of the circuit is 11. The gain can
be changed by changing the value of RG. This circuit, however,
provides no common-mode rejection.
6
4
5
8
+15V
10
7
–15V
RF
499
RL
9
11
0.1 F
10 F
RG
100
RF
499
0.1 F
10 F
1/2
AD815
VOUT
VIN
1/2
AD815
100
100
+IN
–IN
OUT 1
OUT 2
Figure 51. Fully Differential Operation
Creating Differential Signals
If only a single ended signal is available to drive the AD815 and
a differential output signal is desired, several circuits can be
used to perform the single-ended-to-differential conversion.
One circuit to perform this is to use a dual op amp as a
predriver that is configured as a noninverter and inverter. The
circuit shown in Figure 52 performs this function. It uses an
AD826 dual op amp with the gain of one amplifier set at +1 and
the gain of the other at –1. The 1 k
Ω resistor across the input
terminals of the follower makes the noise gain (NG = 1) equal
to the inverter’s. The two outputs then differentially drive the
inputs to the AD815 with no common-mode signal to first order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com