Electronic Components Datasheet Search
  English  ▼

X  

AD815 Datasheet(PDF) 2 Page - Analog Devices

Part # AD815
Description  High Output Current Differential Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 2 Page - Analog Devices

  AD815 Datasheet HTML 1Page - Analog Devices AD815 Datasheet HTML 2Page - Analog Devices AD815 Datasheet HTML 3Page - Analog Devices AD815 Datasheet HTML 4Page - Analog Devices AD815 Datasheet HTML 5Page - Analog Devices AD815 Datasheet HTML 6Page - Analog Devices AD815 Datasheet HTML 7Page - Analog Devices AD815 Datasheet HTML 8Page - Analog Devices AD815 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD815–SPECIFICATIONS
AD815A
Model
Conditions
VS
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Small Signal Bandwidth (–3 dB)
G = +1
±15
100
120
MHz
G = +1
± 590
110
MHz
Bandwidth (0.1 dB)
G = +2
±15
40
MHz
G = +2
± 510
MHz
Differential Slew Rate
VOUT = 20 V p-p, G = +2
±15
800
900
V/
µs
Settling Time to 0.1%
10 V Step, G = +2
±15
70
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
f = 1 MHz, RLOAD = 200
Ω, VOUT = 40 V p-p ±15
–66
dBc
Input Voltage Noise
f = 10 kHz, G = +2 (Single Ended)
±5, ±15
1.85
nV/
√Hz
Input Current Noise (+IIN)f = 10 kHz, G = +2
±5, ±15
1.8
pA/
√Hz
Input Current Noise (–IIN)f = 10 kHz, G = +2
±5, ±15
19
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RLOAD = 25
Ω±15
0.05
%
Differential Phase Error
NTSC, G = +2, RLOAD = 25
Ω±15
0.45
Degrees
DC PERFORMANCE
Input Offset Voltage
± 55
8
mV
±15
10
15
mV
TMIN – TMAX
30
mV
Input Offset Voltage Drift
20
µV/°C
Differential Offset Voltage
± 5
0.5
2
mV
±15
0.5
4
mV
TMIN – TMAX
5mV
Differential Offset Voltage Drift
10
µV/°C
–Input Bias Current
±5, ±15
10
90
µA
TMIN – TMAX
150
µA
+Input Bias Current
±5, ±15
2
5
µA
TMIN – TMAX
5
µA
Differential Input Bias Current
±5, ±15
10
75
µA
TMIN – TMAX
100
µA
Open-Loop Transresistance
±5, ±15
1.0
5.0
M
Ω
TMIN – TMAX
0.5
M
Ω
INPUT CHARACTERISTICS
Differential Input Resistance
+Input
±15
7
M
Ω
–Input
15
Ω
Differential Input Capacitance
±15
1.4
pF
Input Common-Mode Voltage Range
±15
13.5
± V
± 5
3.5
± V
Common-Mode Rejection Ratio
TMIN – TMAX
±5, ±15
57
65
dB
Differential Common-Mode Rejection Ratio
TMIN – TMAX
±5, ±15
80
100
dB
OUTPUT CHARACTERISTICS
Voltage Swing
Single Ended, RLOAD = 25
Ω±15
11.0
11.7
± V
± 5
1.1
1.8
± V
Differential, RLOAD = 50
Ω±15
21
23
± V
TMIN – TMAX
±15
22.5
24.5
± V
Output Current
1
RB-24
RLOAD = 10
Ω±15
400
500
mA
Short Circuit Current
±15
1.0
A
Output Resistance
±15
13
Ω
MATCHING CHARACTERISTICS
Crosstalk
f = 1 MHz
±15
–65
dB
POWER SUPPLY
Operating Range
2
TMIN – TMAX
±18
V
Quiescent Current
± 523
30
mA
±15
30
40
mA
TMIN – TMAX
± 540
mA
±15
55
mA
Power Supply Rejection Ratio
TMIN – TMAX
±5, ±15
–55
–66
dB
NOTES
1Output current is limited in the 24-lead SOIC package to the maximum power dissipation. See absolute maximum ratings and derating curves.
2Observe derating curves for maximum junction temperature.
Specifications subject to change without notice.
REV. C
–2–
(@ TA = +25 C, VS =
15 V dc, RFB = 1 k
and RLOAD = 100
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com