Electronic Components Datasheet Search
  English  ▼

X  

AD795 Datasheet(PDF) 4 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 4 Page - Analog Devices

  AD795 Datasheet HTML 1Page - Analog Devices AD795 Datasheet HTML 2Page - Analog Devices AD795 Datasheet HTML 3Page - Analog Devices AD795 Datasheet HTML 4Page - Analog Devices AD795 Datasheet HTML 5Page - Analog Devices AD795 Datasheet HTML 6Page - Analog Devices AD795 Datasheet HTML 7Page - Analog Devices AD795 Datasheet HTML 8Page - Analog Devices AD795 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD795–Typical Performance Characteristics
REV. B
–4–
SUPPLY VOLTAGE – ±Volts
20
0
020
15
5
5
10
10
15
RL = 10k
+VIN
–VIN
W
Figure 1. Common-Mode Voltage Range vs. Supply
LOAD RESISTANCE –
30
0
10
10k
20
10
100
1k
Vs = ±15V
25
15
5
W
Figure 3. Output Voltage Swing vs. Load Resistance
INPUT BIAS CURRENT – pA
50
0
2
10
0
30
20
40
1.5
1
.5
SAMPLE SIZE = 1058
Figure 5. Typical Distribution of Input Bias Current
SUPPLY VOLTAGE – ±Volts
20
0
020
15
5
5
10
10
15
RL = 10k
+VOUT
–VOUT
W
Figure 2. Output Voltage Range vs. Supply Voltage
0
20
5
15
10
SUPPLY VOLTAGE – ±Volts
1.0
0.60
0.70
0.65
0.80
0.75
0.85
0.90
0.95
Figure 4. Input Bias Current vs. Supply
10 –9
10 –14
140
10 –11
10 –13
–40
10 –12
–60
10 –10
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
Figure 6. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com