Electronic Components Datasheet Search
  English  ▼

X  

AD795 Datasheet(PDF) 7 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD795 Datasheet HTML 3Page - Analog Devices AD795 Datasheet HTML 4Page - Analog Devices AD795 Datasheet HTML 5Page - Analog Devices AD795 Datasheet HTML 6Page - Analog Devices AD795 Datasheet HTML 7Page - Analog Devices AD795 Datasheet HTML 8Page - Analog Devices AD795 Datasheet HTML 9Page - Analog Devices AD795 Datasheet HTML 10Page - Analog Devices AD795 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD795
REV. B
–7–
FREQUENCY – Hz
1000
10
0.1
10k
10M
1M
100k
1k
100
1.0
Figure 20. Closed-Loop Output Impedance vs. Frequency
20
5
015
10
SUPPLY VOLTAGE ± Volts
2.0
1.0
0.5
1.5
0
Figure 22. Quiescent Supply Current vs. Supply
Voltage Drift
FREQUENCY – Hz
30
10
0
10k
100k
1M
20
1k
5
15
25
RL = 10kW
Figure 19. Large Signal Frequency Response
FREQUENCY – Hz
100
1k
100k
10k
–60
–90
–120
–100
–110
–80
–70
VIN = 3Vrms
RL = 10k
Figure 21. Total Harmonic Distortion vs. Frequency
INPUT OFFSET VOLTAGE – µV
50
0
500
–400
10
–500
30
20
40
400
300
200
100
0
–100
–200
–300
SAMPLE SIZE = 1419
Figure 23. Typical Distribution of Input Offset Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com