Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 10 Page - Analog Devices

Part # AD822
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices AD822 Datasheet HTML 10Page - Analog Devices AD822 Datasheet HTML 11Page - Analog Devices AD822 Datasheet HTML 12Page - Analog Devices AD822 Datasheet HTML 13Page - Analog Devices AD822 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD822
Rev. G | Page 10 of 28
VS = 0, 3 V @ TA = 25°C, VCM = 0 V, VOUT = 0.2 V, unless otherwise noted.
Table 4.
Parameter
Conditions
Typ
Unit
DC PERFORMANCE
Initial Offset
0.2
mV
Maximum Offset Over Temperature
0.5
mV
Offset Drift
1
μV/°C
Input Bias Current
VCM = 0 V to 2 V
2
pA
at TMAX
0.5
nA
Input Offset Current
2
pA
at TMAX
0.5
nA
Open-Loop Gain
VO = 0.2 V to 2 V
TMIN to TMAX
RL = 100 kΩ
1000
V/mV
TMIN to TMAX
RL = 10 kΩ
150
V/mV
TMIN to TMAX
RL = 1 kΩ
30
V/mV
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
0.1 Hz to 10 Hz
2
μV p-p
f = 10 Hz
25
nV/√Hz
f = 100 Hz
21
nV/√Hz
f = 1 kHz
16
nV/√Hz
f = 10 kHz
13
nV/√Hz
Input Current Noise
0.1 Hz to 10 Hz
18
fA p-p
f = 1 kHz
0.8
fA/√Hz
Harmonic Distortion
RL = 10 kΩ to 1.5 V
f = 10 kHz
VO = ±1.25 V
−92
dB
DYNAMIC PERFORMANCE
Unity Gain Frequency
1.5
MHz
Full Power Response
VO p-p = 2.5 V
240
kHz
Slew Rate
3
V/μs
Settling Time
to 0.1%
VO = 0.2 V to 2.5 V
1
μs
to 0.01%
1.4
μs
MATCHING CHARACTERISTICS
Offset Drift
2
μV/°C
Crosstalk @ f = 1 kHz
RL = 5 kΩ
−130
dB
f = 100 kHz
−93
dB
INPUT CHARACTERISTICS
Common-Mode Rejection Ratio (CMRR)
VCM = 0 V to 1 V
74
dB
TMIN to TMAX
Input Impedance
Differential
1013||0.5
Ω||pF
Common Mode
1013||2.8
Ω||pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com