Electronic Components Datasheet Search
  English  ▼

X  

AD822 Datasheet(PDF) 22 Page - Analog Devices

Part # AD822
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD822 Datasheet HTML 18Page - Analog Devices AD822 Datasheet HTML 19Page - Analog Devices AD822 Datasheet HTML 20Page - Analog Devices AD822 Datasheet HTML 21Page - Analog Devices AD822 Datasheet HTML 22Page - Analog Devices AD822 Datasheet HTML 23Page - Analog Devices AD822 Datasheet HTML 24Page - Analog Devices AD822 Datasheet HTML 25Page - Analog Devices AD822 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD822
Rev. G | Page 22 of 28
APPLICATIONS
SINGLE-SUPPLY VOLTAGE-TO-FREQUENCY
CONVERTER
The circuit shown in Figure 47 uses the AD822 to drive a low
power timer that produces a stable pulse of width t1. The
positive going output pulse is integrated by R1 − C1 and used as
one input to the AD822 that is connected as a differential
integrator. The other input (nonloading) is the unknown
voltage, VIN. The AD822 output drives the timer trigger input,
closing the overall feedback loop.
2
3
4
6
5
U3A
U3B
C3
0.1µF
1
2
3
4
OUT2
OUT1
U1
C1
U2
CMOS 555
THR
TR
DIS
GND
OUT
CV
1
2
3
4
5
6
7
8
RV+
C4
0.01µF
R3*
116kΩ
0.01µF, 2%
CMOS
74HCO4
RSCALE**
10kΩ
U4
REF02
VREF = 5V
10V
C5
0.1µF
R2
499kΩ
1%
R1
499kΩ
1%
VIN
C2
0.01µF
2%
0V TO 2.5V
FULL SCALE
1/2
AD822B
+
–
NOTES
1. fOUT = VIN/(VREF × t1), t1 = 1.1 × R3 × C6.
2. *
3. **
4. t1
= 10% 20T FILM <100ppm/°C TC.
= 33µF FOR fOUT = 20kHz @ VIN = 2.0V.
= 1% METAL FILM <50ppm/°C TC.
= 25kHz FS AS SHOWN.
Figure 47. Single-Supply Voltage-to-Frequency Converter
Typical AD822 bias currents of 2 pA allow MΩ range source
impedances with negligible dc errors. Linearity errors on the
order of 0.01% full scale can be achieved with this circuit. This
performance is obtained with a 5 V single supply that delivers
less than 1 mA to the entire circuit.
SINGLE-SUPPLY PROGRAMMABLE GAIN
INSTRUMENTATION AMPLIFIER
The AD822 can be configured as a single-supply instrumenta-
tion amplifier that is able to operate from single supplies down
to 3 V or dual supplies up to ±15 V. Using only one AD822
rather than three separate op amps, this circuit is cost and
power efficient. The AD822 FET inputs’ 2 pA bias currents
minimize offset errors caused by high unbalanced source
impedances.
An array of precision thin film resistors sets the in amp gain to be
either 10 or 100. These resistors are laser trimmed to ratio match to
0.01% and have a maximum differential TC of 5 ppm/°C.
Table 6. In-Amp Performance
Parameters
VS = 3 V, 0 V
VS = ±5 V
CMRR
74 dB
80 dB
Common-Mode Voltage
Range
−0.2 V to +2 V
−5.2 V to +4 V
3 dB BW, G = 10
180 kHz
180 kHz
G = 100
18 kHz
18 kHz
tSETTLING
2 V Step (VS = 0 V, 3 V)
2 μs
5 V (VS = ±5 V)
5 μs
Noise @ f = 1 kHz, G = 10
270 nV/√Hz
270 nV/√Hz
G = 100
2.2 μV/√Hz
2.2 μV/√Hz
ISUPPLY (Total)
1.10 mA
1.15 mA
90
100
10
0%
....
....
.... .... . ..
... .... . ... . ... . ...
....
....
.... .... . . .. .... .... .... .... . ...
1V
5µs
Figure 48. Pulse Response of In-Amp to a 500 mV p-p Input Signal; VS = 5 V,
0 V; Gain = 0
G = 100
G = 100
G = 10
G = 10
1
2
3
4
5
6
7
OHMTEK
PART # 1043
R5
9kΩ
R4
1kΩ
R3
1kΩ
R2
9kΩ
R1
90kΩ
R6
90kΩ
VREF
+VS
0.1µF
1/2
AD822
1/2
AD822
VOUT
VIN1
VIN2
RP
1kΩ
RP
1kΩ
(G = 10) VOUT = (VIN1 – VIN2)+VREF
1+
R6
R4 + R5
()
(G = 100) VOUT = (VIN1 – VIN2)+VREF
R5 + R6
R4
1+
()
Figure 49. A Single-Supply Programmable Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com