Electronic Components Datasheet Search
  English  ▼

X  

MIC24054 Datasheet(PDF) 39 Page - Microchip Technology

Part # MIC24054
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24054 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MIC24054 Datasheet HTML 31Page - Microchip Technology MIC24054 Datasheet HTML 32Page - Microchip Technology MIC24054 Datasheet HTML 33Page - Microchip Technology MIC24054 Datasheet HTML 34Page - Microchip Technology MIC24054 Datasheet HTML 35Page - Microchip Technology MIC24054 Datasheet HTML 36Page - Microchip Technology MIC24054 Datasheet HTML 37Page - Microchip Technology MIC24054 Datasheet HTML 38Page - Microchip Technology MIC24054 Datasheet HTML 39Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 39
Microchip Information
Trademarks
T
he “Microchip” name and logo, the “M” logo, and other names, logos, and brands are registered and
unregistered trademarks of Microchip Technology Incorporated or its affiliates and/or subsidiaries in the
United States and/or other countries (“Microchip Trademarks”). Information regarding Microchip
Trademarks can be found at https://www.microchip.com/en-us/about/legalinformation/microchip-
trademarks.
ISBN: 979-8-3371-2641-8
Legal Notice
This publication and the information herein may be used only with Microchip products, including to design,
test, and integrate Microchip products with your application. Use of this information in any other manner
violates these terms. Information regarding device applications is provided only for your convenience and
may be superseded by updates. It is your responsibility to ensure that your application meets with your
specifications. Contact your local Microchip sales office for additional support or, obtain additional support
at www.microchip.com/en-us/support/design-help/client-support-services.
THIS INFORMATION IS PROVIDED BY MICROCHIP "AS IS". MICROCHIP MAKES NO
REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN
OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION INCLUDING BUT NOT
LIMITED TO ANY IMPLIED WARRANTIES OF NON-INFRINGEMENT, MERCHANTABILITY, AND
FITNESS FOR A PARTICULAR PURPOSE, OR WARRANTIES RELATED TO ITS CONDITION,
QUALITY, OR PERFORMANCE.
IN NO EVENT WILL MICROCHIP BE LIABLE FOR ANY INDIRECT, SPECIAL, PUNITIVE, INCIDENTAL,
OR CONSEQUENTIAL LOSS, DAMAGE, COST, OR EXPENSE OF ANY KIND WHATSOEVER
RELATED TO THE INFORMATION OR ITS USE, HOWEVER CAUSED, EVEN IF MICROCHIP HAS
BEEN ADVISED OF THE POSSIBILITY OR THE DAMAGES ARE FORESEEABLE. TO THE FULLEST
EXTENT ALLOWED BY LAW, MICROCHIP'S TOTAL LIABILITY ON ALL CLAIMS IN ANY WAY
RELATED TO THE INFORMATION OR ITS USE WILL NOT EXCEED THE AMOUNT OF FEES, IF ANY,
THAT YOU HAVE PAID DIRECTLY TO MICROCHIP FOR THE INFORMATION.
Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the
buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits,
or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any
Microchip intellectual property rights unless otherwise stated.
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip products:
• Microchip products meet the specifications contained in their particular Microchip Data Sheet.
• Microchip believes that its family of products is secure when used in the intended manner, within
operating specifications, and under normal conditions.
• Microchip values and aggressively protects its intellectual property rights. Attempts to breach the code
protection features of Microchip product is strictly prohibited and may violate the Digital Millennium
Copyright Act.
• Neither Microchip nor any other semiconductor manufacturer can guarantee the security of its code.
Code protection does not mean that we are guaranteeing the product is “unbreakable”. Code
protection is constantly evolving. Microchip is committed to continuously improving the code protection
features of our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com