Electronic Components Datasheet Search
  English  ▼

X  

MIC24054 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC24054
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24054 Datasheet(HTML) 4 Page - Microchip Technology

  MIC24054 Datasheet HTML 1Page - Microchip Technology MIC24054 Datasheet HTML 2Page - Microchip Technology MIC24054 Datasheet HTML 3Page - Microchip Technology MIC24054 Datasheet HTML 4Page - Microchip Technology MIC24054 Datasheet HTML 5Page - Microchip Technology MIC24054 Datasheet HTML 6Page - Microchip Technology MIC24054 Datasheet HTML 7Page - Microchip Technology MIC24054 Datasheet HTML 8Page - Microchip Technology MIC24054 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
MIC24054
DS20007043B-page 4
2025-2026 Microchip Technology Inc. and its subsidiaries
FB Bias Current
—
50
500
nA
VFB = 0.8V
Enable Control
EN Logic Level High
1.8
—
—
V
—
EN Logic Level Low
—
—
0.6
V
—
EN Bias Current
—
6
30
µA
VEN = 12V
Oscillator
Switching Frequency
450
600
750
kHz
Note 2, VOUT = 2.5V
Maximum Duty Cycle
—
82
—
%
Note 3, VFB = 0V
Minimum Duty Cycle
—
0
—
%
VFB = 1.0V
Minimum Off-Time
—
300
—
ns
—
Soft-Start
Soft-Start Time
—
3
—
ms
—
Short-Circuit Protection
Current-Limit Threshold
12.5
21
25
A
VFB = 0.8V, TJ = +25°C
11.25
21
25
VFB = 0.8V, TJ = +125°C
Short-Circuit Current
—
8
—
A
VFB = 0V
Internal FETs
Top-MOSFET RDS(ON)
—
20.6
—
mΩ
ISW = 3A
Bottom-MOSFET RDS(ON)
—
7.5
—
mΩ
ISW = 3A
SW Leakage Current
—
—
60
µA
VEN = 0V
VIN Leakage Current
—
—
25
µA
VEN = 0V
Power Good (PG)
PG Threshold Voltage
85
92
95
%VOUT Sweep VFB from Low to High
PG Hysteresis
—
5.5
—
%VOUT Sweep VFB from High to Low
PG Delay Time
—
100
—
µs
Sweep VFB from Low to High
PG Low Voltage
—
70
200
mV
Sweep VFB < 0.9 x VNOM, IPG = 1 mA
Thermal Protection
Overtemperature Shutdown
—
160
—
°C
TJ rising
Overtemperature Shutdown
Hysteresis
—
15
—
°C
—
Note 1: Specification for packaged product only.
2: Measured in test mode.
3: The maximum duty cycle is limited by the fixed mandatory off-time (tOFF) of typically 300 ns.
ELECTRICAL CHARACTERISTICS (CONTINUED)
PVIN = VIN = VEN = 12V, VBST – VSW = 5V; TA = +25°C, unless otherwise noted. Bold values valid for –40°C ≤ TJ ≤
+125°C. Note 1
Parameter
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com