Electronic Components Datasheet Search
  English  ▼

X  

ADG431 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG431
Description  LC²MOS Precision Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG431 Datasheet(HTML) 5 Page - Analog Devices

  ADG431 Datasheet HTML 1Page - Analog Devices ADG431 Datasheet HTML 2Page - Analog Devices ADG431 Datasheet HTML 3Page - Analog Devices ADG431 Datasheet HTML 4Page - Analog Devices ADG431 Datasheet HTML 5Page - Analog Devices ADG431 Datasheet HTML 6Page - Analog Devices ADG431 Datasheet HTML 7Page - Analog Devices ADG431 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
50
40
10
–20
–10
010
20
30
20
TA = 25 C
VL = 5V
0
VDD = +15V
VSS = –15V
VDD = +10V
VSS = –10V
VDD = +12V
VSS = –12V
VDD = +5V
VSS = –5V
TPC 1. On Resistance as a Function of VD (VS) Dual
Supplies
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
50
40
10
–20
–10
010
20
30
20
0
VDD = +15V
VSS = –15V
VL = +5V
125 C
85 C
25 C
TPC 2. On Resistance as a Function of VD (VS) for Different
Temperatures
TEMPERATURE – C
10
0.001
20
120
40
60
80
100
1
0.1
0.01
VDD = +15V
VSS = –15V
VL = +5V
140
VS = 15V
VD = 15V
IS (OFF)
ID (OFF)
ID (ON)
TPC 3. Leakage Currents as a Function of Temperature
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
50
40
10
05
10
15
20
30
20
TA = 25 C
VL = 5V
0
VDD = 15V
VSS = 0V
VDD = 10V
VSS = 0V
VDD = 12V
VSS = 0V
VDD = 5V
VSS = 0V
TPC 4. On Resistance as a Function of VD (VS) Single
Supply
FREQUENCY – Hz
100mA
100nA
10
10M
100
1k
10k
100k
1M
10mA
1mA
100 A
10 A
1 A
VDD = +15V
4 SW
VSS = –15V
VL = +5V
1 SW
I+, I–
IL
TPC 5. Supply Current vs. Input Switching Frequency
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0.04
0.02
–0.04
–20
–10
010
20
0.00
–0.02
VDD = +15V
VSS = –15V
TA = +25 C
VL = +5V
ID (ON)
IS (OFF)
ID (OFF)
TPC 6. Leakage Currents as a Function of VD (VS)
Typical Performance Characteristics–ADG431/ADG432/ADG433
REV. C
–5–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com